Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 19Page - Texas Instruments LM3530 Datasheet HTML 20Page - Texas Instruments LM3530 Datasheet HTML 21Page - Texas Instruments LM3530 Datasheet HTML 22Page - Texas Instruments LM3530 Datasheet HTML 23Page - Texas Instruments LM3530 Datasheet HTML 24Page - Texas Instruments LM3530 Datasheet HTML 25Page - Texas Instruments LM3530 Datasheet HTML 26Page - Texas Instruments LM3530 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
.
13 mA
|
26 mA x 100% x 50%
ZoneTarget5 x D =
x
_
I
I
FS
LED
LED =
.
1.5 mA
|
26 mA x 5.781%
ZoneTarget2 =
x
_
I
I
FS
LED
LED =
ILED = ILED_FS u ZoneTarget0 = 26 mA u 0.336% | 87 PA.
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
As an example, assume that the APDS-9005 is used as the ambient light sensing photo diode with its output
connected to the ALS1 input. The ALS Resistor Select Register is loaded with 0x04 which configures the ALS1
input for a 2.27-k
Ω internal pull-down resistor (see Table 9). The APDS-9005 has a typical 400nA/LUX response.
With a 2.27-k
Ω resistor the sensor output would see a 0-mV to 908-mV swing with a 0 to 1000 LUX change in
ambient light. Next, the ALS Configuration Register is programmed with 0x3C. From Table 6, this configures the
LM3530’s ambient light sensing interface for:
ALS1 as the active ALS input (bits [6:5] = 01)
Ambient Light Current Control Enabled (bit 4 = 1)
ALS circuitry Enabled (bit 3 = 1)
Sets the ALS Averaging Time to 512 ms (bits [2:0] = 100)
Next, the General Configuration Register is programmed with 0x19 which sets the Full-Scale Current to 26 mA,
selects Exponential Brightness Mapping, and enables the device via the I2C-compatible interface.
Now assume that the APDS-9005 ambient light sensor detects a 100 LUX ambient light at its input. This forces
the ambient light sensors output (and the ALS1 input) to 87.5mV corresponding to Zone 0. Since Zone 0 points
to the brightness code programmed in Zone Target Register 0 (loaded with code 0x19), the LED current
becomes:
(7)
Where the code in Zone Target Register 0 points to the % of ILED_FS as given by Table 2 or Table 3,
depending on whether Exponential or Linear Mapping are selected.
Next, assume that the ambient light changes to 500 LUX (corresponding to an ALS1 voltage of 454 mV). This
moves the ambient light into Zone 2 which corresponds to Zone Target Register 2 (loaded with code 0x4C) the
LED current then becomes:
(8)
8.3.15 Ambient Light Current Control + PWM
The Ambient Light Current Control can also be a function of the PWM input duty cycle. Assume the LM3530 is
configured as described in the above Ambient Light Current Control example, but this time the Enable PWM bit
set to ‘1’ (General Configuration Register bit [5]).
Example: Ambient Light Current Control + PWM
In this example, the APDS-9005 detects that the ambient light has changed to 1 kLUX. The voltage at ALS1 is
now around 908 mV, and the ambient light falls within Zone 5. This causes the LED brightness to be a function
of Zone Target Register 5 (loaded with 0x7F). Now assume the PWM input is also driven with a 50% duty cycle
pulsed waveform. The LED current now becomes:
(9)
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com