Electronic Components Datasheet Search
  English  ▼

X  

DP8432V Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8432V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8432V Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button DP8432V Datasheet HTML 34Page - National Semiconductor (TI) DP8432V Datasheet HTML 35Page - National Semiconductor (TI) DP8432V Datasheet HTML 36Page - National Semiconductor (TI) DP8432V Datasheet HTML 37Page - National Semiconductor (TI) DP8432V Datasheet HTML 38Page - National Semiconductor (TI) DP8432V Datasheet HTML 39Page - National Semiconductor (TI) DP8432V Datasheet HTML 40Page - National Semiconductor (TI) DP8432V Datasheet HTML 41Page - National Semiconductor (TI) DP8432V Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
110 Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Temperature under Bias
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
All Input or Output Voltage
with Respect to GND
b
05V to a7V
Power Dissipation
20 MHz
05W
ESD Rating
2000V
Temperature Cycle
300 of 0125 C
120 DC Electrical Characteristics TA e 0 Cto a70 C VCC e 5V g10% GND e 0V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical 1 Input Voltage
Tested with a Limited
20
VCC a 05
V
Functional Pattern
VIL
Logical 0 Input Voltage
Tested with a Limited
b
05
08
V
Functional Pattern
VOH1
Q and WE Outputs
IOH eb10 mA
VCC b 10
V
VOL1
Q and WE Outputs
IOL e 10 mA
05
V
VOH2
All Outputs except Qs WE
IOH eb3mA
VCC b 10
V
VOL2
All Outputs except Qs WE
IOL e 3 mA
05
V
IIN
Input Leakage Current
VIN e VCC or GND
b
10
10
m
A
IIL ML
ML Input Current (Low)
VIN e GND
200
m
A
ICC1
Standby Current
CLK at 12 MHz (VIN e VCC or GND)
6
15
mA
ICC1
Standby Current
CLK at 20 MHz (VIN e VCC or GND)
8
17
mA
ICC1
Standby Current
CLK at 33 MHz (VIN e VCC or GND)
10
20
mA
ICC2
Supply Current
CLK at 12 MHz (Inputs Active)
30
60
mA
(ILOAD e 25 pF) (VIN e VCC or GND)
ICC2
Supply Current
CLK at 20 MHz (Inputs Active)
65
90
mA
(ILOAD e 25 pF) (VIN e VCC or GND)
ICC2
Supply Current
CLK at 33 MHz (Inputs Active)
115
150
mA
(ILOAD e 25 pF) (VIN e VCC or GND)
CIN
Input Capacitance
fIN at 1 MHz
10
pF
CIN is not 100% tested
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
Input pulse 0V to 3V tR e tF e 25 ns Input reference point on AC measurements is 15V Output reference point is 15V
Note 3
AC production testing is done at 50 pF
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com