Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 39Page - Texas Instruments TMS320DM641 Datasheet HTML 40Page - Texas Instruments TMS320DM641 Datasheet HTML 41Page - Texas Instruments TMS320DM641 Datasheet HTML 42Page - Texas Instruments TMS320DM641 Datasheet HTML 43Page - Texas Instruments TMS320DM641 Datasheet HTML 44Page - Texas Instruments TMS320DM641 Datasheet HTML 45Page - Texas Instruments TMS320DM641 Datasheet HTML 46Page - Texas Instruments TMS320DM641 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 171 page
background image
Pin Assignments
43
June 2003 − Revised August 2004
SPRS222C
Table 1−6. Terminal Functions
SIGNAL
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
DM641
DM640
TYPE†
IPD/
IPU‡
DESCRIPTION
CLOCK/PLL CONFIGURATION
CLKIN
AC2
AC2
I
IPD
Clock Input. This clock is the input to the on-chip PLL.
CLKOUT4/GP0[1]§
D6
D6
I/O/Z
IPD
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be
programmed as a GP0 1 pin (I/O/Z).
CLKOUT6/GP0[2]§
C6
C6
I/O/Z
IPD
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be
programmed as a GP0 2 pin (I/O/Z).
CLKMODE1
AE4
AE4
I
IPD
Clock mode select
• Selects whether the CPU clock frequency = input clock frequency x1
(Bypass), x6, or x12.
CLKMODE0
AA2
AA2
I
IPD
(Bypass), x6, or x12.
For more details on the CLKMODE pins and the PLL multiply factors, see
the Clock PLL section of this data sheet.
PLLV¶
V6
V6
A#
PLL voltage supply
JTAG EMULATION
TMS
E15
E15
I
IPU
JTAG test-port mode select
TDO
B18
B18
O/Z
IPU
JTAG test-port data out
TDI
A18
A18
I
IPU
JTAG test-port data in
TCK
A16
A16
I
IPU
JTAG test-port clock
TRST
D14
D14
I
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE
1149.1 JTAG compatibility statement portion of this data sheet.
EMU11
D17
D17
I/O/Z
IPU
Emulation pin 11. Reserved for future use, leave unconnected.
EMU10
C17
C17
I/O/Z
IPU
Emulation pin 10. Reserved for future use, leave unconnected.
EMU9
B17
B17
I/O/Z
IPU
Emulation pin 9. Reserved for future use, leave unconnected.
EMU8
D16
D16
I/O/Z
IPU
Emulation pin 8. Reserved for future use, leave unconnected.
EMU7
A17
A17
I/O/Z
IPU
Emulation pin 7. Reserved for future use, leave unconnected.
EMU6
C16
C16
I/O/Z
IPU
Emulation pin 6. Reserved for future use, leave unconnected.
EMU5
B16
B16
I/O/Z
IPU
Emulation pin 5. Reserved for future use, leave unconnected.
EMU4
D15
D15
I/O/Z
IPU
Emulation pin 4. Reserved for future use, leave unconnected.
EMU3
C15
C15
I/O/Z
IPU
Emulation pin 3. Reserved for future use, leave unconnected.
EMU2
B15
B15
I/O/Z
IPU
Emulation pin 2. Reserved for future use, leave unconnected.
EMU1
C14
C14
I/O/Z
IPU
Emulation pin 1||
EMU0
A15
A15
I/O/Z
IPU
Emulation pin 0||
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
¶ PLLV is not part of external voltage supply. See the Clock PLL section for information on how to connect this pin.
# A = Analog signal (PLL Filter)
|| The EMU0 and EMU1 pins are internally pulled up with 30-kΩ resistors; therefore, for emulation and normal operation, no external
pullup/pulldown resistors are necessary. However, for boundary scan operation, pull down the EMU1 and EMU0 pins with a dedicated 1-k
Ω
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com