Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 86Page - Texas Instruments TMS320DM641 Datasheet HTML 87Page - Texas Instruments TMS320DM641 Datasheet HTML 88Page - Texas Instruments TMS320DM641 Datasheet HTML 89Page - Texas Instruments TMS320DM641 Datasheet HTML 90Page - Texas Instruments TMS320DM641 Datasheet HTML 91Page - Texas Instruments TMS320DM641 Datasheet HTML 92Page - Texas Instruments TMS320DM641 Datasheet HTML 93Page - Texas Instruments TMS320DM641 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 171 page
background image
Enhanced Direct Memory Access (EDMA) Controller
90
June 2003 − Revised August 2004
SPRS222C
4.4
Enhanced Direct Memory Access (EDMA) Controller
The EDMA controller handles all data transfers between the level-two (L2) cache/memory controller and the
device peripherals on the DM641/DM640 DSP. These data transfers include cache servicing, non-cacheable
memory accesses, user-programmed data transfers, and host accesses.
4.4.1
EDMA Device-Specific Information
4.4.1.1
EDMA Channel Synchronization Events
The C64x EDMA supports up to 64 EDMA channels which service peripheral devices and external memory.
Table 4−3 lists the source of C64x EDMA synchronization events associated with each of the programmable
EDMA channels. For the DM641/DM640 device, the association of an event to a channel is fixed; each of the
EDMA channels has one specific event associated with it. These specific events are captured in the EDMA
event registers (ERL, ERH) even if the events are disabled by the EDMA event enable registers (EERL,
EERH). The priority of each event can be specified independently in the transfer parameters stored in the
EDMA parameter RAM. For more detailed information on the EDMA module and how EDMA events are
enabled, captured, processed, linked, chained, and cleared, etc., see the TMS320C6000 DSP Enhanced
Direct Memory Access (EDMA) Controller Reference Guide (literature number SPRU234).
Table 4−3. TMS320DM641/DM640 EDMA Channel Synchronization Events†
EDMA
CHANNEL
EVENT NAME
EVENT DESCRIPTION
0
DSP_INT
HPI-to-DSP interrupt [For DM641 Only; “None” for DM640]
1
TINT0
Timer 0 interrupt
2
TINT1
Timer 1 interrupt
3
SD_INTA
EMIFA SDRAM timer interrupt
4
GPINT4/EXT_INT4
GP0 event 4/External interrupt pin 4
5
GPINT5/EXT_INT5
GP0 event 5/External interrupt pin 5
6
GPINT6/EXT_INT6
GP0 event 6/External interrupt pin 6
7
GPINT7/EXT_INT7
GP0 event 7/External interrupt pin 7
8
GPINT0
GP0 event 0
9
GPINT1
GP0 event 1
10
GPINT2
GP0 event 2
11
GPINT3
GP0 event 3
12
XEVT0
McBSP0 transmit event
13
REVT0
McBSP0 receive event
14
XEVT1
McBSP1 transmit event
15
REVT1
McBSP1 receive event
16
VP0EVTYA
VP0 Channel A Y event DMA request
17
VP0EVTUA
VP0 Channel A Cb event DMA request
18
VP0EVTVA
VP0 Channel A Cr event DMA request
19
TINT2
Timer 2 interrupt
20−31
–
None
32
AXEVTE0
McASP0 transmit even event
33
AXEVTO0
McASP0 transmit odd event
34
AXEVT0
McASP0 transmit event
35
AREVTE0
McASP0 receive even event
† In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or alternate transfer
completion events. For more detailed information on EDMA event-transfer chaining, see the TMS320C6000 DSP Enhanced Direct Memory
Access (EDMA) Controller Reference Guide (literature number SPRU234).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com