Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 13Page - Texas Instruments TMS320DM641 Datasheet HTML 14Page - Texas Instruments TMS320DM641 Datasheet HTML 15Page - Texas Instruments TMS320DM641 Datasheet HTML 16Page - Texas Instruments TMS320DM641 Datasheet HTML 17Page - Texas Instruments TMS320DM641 Datasheet HTML 18Page - Texas Instruments TMS320DM641 Datasheet HTML 19Page - Texas Instruments TMS320DM641 Datasheet HTML 20Page - Texas Instruments TMS320DM641 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 171 page
background image
Description
17
June 2003 − Revised August 2004
SPRS222C
In addition, the McASP0 transmitter may be programmed to output multiple S/PDIF, IEC60958, AES-3,
CP-430 encoded data channels simultaneously, with a single RAM containing the full implementation of user
data and channel status fields.
McASP0 also provides extensive error-checking and recovery features, such as the bad clock detection circuit
for each high-frequency master clock which verifies that the master clock is within a programmed frequency
range.
The VCXO interpolated control (VIC) port provides digital-to-analog conversion with resolution from 9-bits to
up to 16-bits. The output of the VIC is a single bit interpolated D/A output. For more details on the VIC port,
see the TMS320C64x DSP Video Port/VCXO Interpolated Control (VIC) Port Reference Guide (literature
number SPRU629).
The ethernet media access controller (EMAC) provides an efficient interface between the DM641/DM640 DSP
core processor and the network. The DM641/DM640 EMAC support both 10Base-T and 100Base-TX, or 10
Mbits/second (Mbps) and 100 Mbps in either half- or full-duplex, with hardware flow control and quality of
service (QOS) support. The DM641/DM640 EMAC makes use of a custom interface to the DSP core that
allows efficient data transmission and reception. For more details on the EMAC, see the TMS320C6000 DSP
Ethernet Media Access Controller (EMAC) / Management Data Input/Output (MDIO) Module Reference
Guide (literature number SPRU628).
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system. Once a PHY candidate has been selected by the DSP, the MDIO
module transparently monitors its link state by reading the PHY status register. Link change events are stored
in the MDIO module and can optionally interrupt the DSP, allowing the DSP to poll the link status of the device
without continuously performing costly MDIO accesses. For more details on the MDIO, see the
TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data Input/Output (MDIO)
Module Reference Guide (literature number SPRU628).
The I2C0 port on the TMS320DM641/DM640 allows the DSP to easily control peripheral devices and
communicate with a host processor. In addition, the standard multichannel buffered serial port (McBSP) may
be used to communicate with serial peripheral interface (SPI) mode peripheral devices.
The DM641/DM640 has a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows
 debugger interface for visibility into
source code execution.
Windows is a registered trademark of the Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com