Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 80Page - Texas Instruments TMS320DM641 Datasheet HTML 81Page - Texas Instruments TMS320DM641 Datasheet HTML 82Page - Texas Instruments TMS320DM641 Datasheet HTML 83Page - Texas Instruments TMS320DM641 Datasheet HTML 84Page - Texas Instruments TMS320DM641 Datasheet HTML 85Page - Texas Instruments TMS320DM641 Datasheet HTML 86Page - Texas Instruments TMS320DM641 Datasheet HTML 87Page - Texas Instruments TMS320DM641 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 171 page
background image
DM641/DM640 Peripheral Information and Electrical Specifications
84
June 2003 − Revised August 2004
SPRS222C
4
DM641/DM640 Peripheral Information and Electrical Specifications
4.1
Parameter Information
4.1.1
Parameter Information Device-Specific Information
Transmission Line
4.0 pF
1.85 pF
Z0 = 50
Ω
(see note)
Tester Pin Electronics
Data Sheet Timing Reference Point
Output
Under
Test
NOTE: The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its transmission line effects
must be taken into account. A transmission line with a delay of 2 ns or longer can be used to produce the desired transmission line effect.
The transmission line is intended as a load only. It is not necessary to add or subtract the transmission line delay (2 ns or longer) from
the data sheet timings.
42
Ω
3.5 nH
Device Pin
(see note)
Input requirements in this data sheet are tested with an input slew rate of < 4 Volts per nanosecond (4 V/ns) at the device pin.
Figure 4−1. Test Load Circuit for AC Timing Measurements
The load capacitance value stated is only for characterization and measurement of AC timing signals. This
load capacitance value does not indicate the maximum load the device is capable of driving.
4.1.1.1
Signal Transition Levels
All input and output timing parameters are referenced to 1.5 V for both “0” and “1” logic levels.
Vref = 1.5 V
Figure 4−2. Input and Output Voltage Reference Levels for AC Timing Measurements
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks, VOL MAX
and VOH MIN for output clocks.
Vref = VIL MAX (or VOL MAX)
Vref = VIH MIN (or VOH MIN)
Figure 4−3. Rise and Fall Transition Time Voltage Reference Levels
4.1.1.2
Signal Transition Rates
All timings are tested with an input edge rate of 4 Volts per nanosecond (4 V/ns).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com