Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 78Page - Texas Instruments TMS320DM641 Datasheet HTML 79Page - Texas Instruments TMS320DM641 Datasheet HTML 80Page - Texas Instruments TMS320DM641 Datasheet HTML 81Page - Texas Instruments TMS320DM641 Datasheet HTML 82Page - Texas Instruments TMS320DM641 Datasheet HTML 83Page - Texas Instruments TMS320DM641 Datasheet HTML 84Page - Texas Instruments TMS320DM641 Datasheet HTML 85Page - Texas Instruments TMS320DM641 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 171 page
background image
Device Operating Conditions
82
June 2003 − Revised August 2004
SPRS222C
3
Device Operating Conditions
3.1
Absolute Maximum Ratings Over Operating Case Temperature Range (Unless Otherwise
Noted)†
Supply voltage ranges:
CVDD (see Note 1)
− 0.3 V to 1.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD (see Note 1)
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage ranges:
VI
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage ranges:
VO
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature ranges, TC: (default)
0
_C to 90_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
3.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
CVDD
Supply voltage, Core (-400 and -500 devices)‡
1.14
1.2
1.26
V
CVDD
Supply voltage, Core (-600 device)‡
1.36
1.4
1.44
V
DVDD
Supply voltage, I/O
3.14
3.3
3.46
V
VSS
Supply ground
0
0
0
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOS
Maximum voltage during overshoot/undershoot
−1.0§
4.3§
V
TC
Operating case temperature
0
90
_C
‡ Future variants of the C64x DSPs may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance options.
TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.2 V, 1.25 V, 1.3 V, 1.35 V, 1.4 V
with
± 3% tolerances) by implementing simple board changes such as reference resistor values or input pin configuration modifications. Examples
of such supplies include the PT4660, PT5500, PT5520, PT6440, and PT6930 series from Power Trends, a subsidiary of Texas Instruments. Not
incorporating a flexible supply may limit the system’s ability to easily adapt to future versions of C64x devices.
§ The absolute maximum ratings should not be exceeded for more than 30% of the cycle period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com