Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 61Page - Texas Instruments TMS320DM641 Datasheet HTML 62Page - Texas Instruments TMS320DM641 Datasheet HTML 63Page - Texas Instruments TMS320DM641 Datasheet HTML 64Page - Texas Instruments TMS320DM641 Datasheet HTML 65Page - Texas Instruments TMS320DM641 Datasheet HTML 66Page - Texas Instruments TMS320DM641 Datasheet HTML 67Page - Texas Instruments TMS320DM641 Datasheet HTML 68Page - Texas Instruments TMS320DM641 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 171 page
background image
Development
65
June 2003 − Revised August 2004
SPRS222C
1.10.2
Device Support
1.10.2.1 Device and Development-Support Tool Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
TMS320
 DSP devices and support tools. Each TMS320 DSP commercial family member has one of three
prefixes: TMX, TMP, or TMS. Texas Instruments recommends two of three possible prefix designators for its
support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from
engineering prototypes (TMX / TMDX) through fully qualified production devices/tools (TMS / TMDS).
Device development evolutionary flow:
TMX
Experimental device that is not necessarily representative of the final device’s electrical specifications
TMP
Final silicon die that conforms to the device’s electrical specifications but has not completed quality
and reliability verification
TMS
Fully qualified production device
Support tool development evolutionary flow:
TMDX Development-support product that has not yet completed Texas Instruments internal qualification
testing.
TMDS Fully qualified development-support product
TMX and TMP devices and TMDX development-support tools are shipped against the following disclaimer:
“Developmental product is intended for internal evaluation purposes.”
TMS devices and TMDS development-support tools have been characterized fully, and the quality and
reliability of the device have been demonstrated fully. TI’s standard warranty applies.
Predictions show that prototype devices ( TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package
type (for example, GDK), the temperature range (for example, blank is the default commercial temperature
range), and the device speed range in megahertz (for example, -600 is 600 MHz). Figure 1−7 provides a
legend for reading the complete device name for any TMS320C6000
 DSP platform member.
The DM641/DM640 device is currently not available in a “Pb-free” package.
For device part numbers and further ordering information for TMS320DM641/DM640 in the GDK and GNZ
package types, see the TI website (http://www.ti.com) or contact your TI sales representative.
TMS320 is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com