Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 62Page - Texas Instruments TMS320DM641 Datasheet HTML 63Page - Texas Instruments TMS320DM641 Datasheet HTML 64Page - Texas Instruments TMS320DM641 Datasheet HTML 65Page - Texas Instruments TMS320DM641 Datasheet HTML 66Page - Texas Instruments TMS320DM641 Datasheet HTML 67Page - Texas Instruments TMS320DM641 Datasheet HTML 68Page - Texas Instruments TMS320DM641 Datasheet HTML 69Page - Texas Instruments TMS320DM641 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 171 page
background image
Development
66
June 2003 − Revised August 2004
SPRS222C
DM64x DSP:
642
641
640
PREFIX
DEVICE SPEED RANGE
TMX 320 DM641 GDK
600
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMX= Experimental device, MIL
SMJ = MIL-PRF-38535, QML
SM = High Rel (non-38535)
DEVICE FAMILY
320 = TMS320
t DSP family
PACKAGE TYPE‡§
GDK = 548-pin plastic BGA
GNZ = 548-pin plastic BGA
DEVICE¶
† For more details, see the recommended operating conditions portion of this data sheet.
‡ BGA =
Ball Grid Array
§ The DM641/DM640 is currently not available in a “Pb-Free” package.
¶ For actual device part numbers (P/Ns) and ordering information, see the TI website (www.ti.com).
TEMPERATURE RANGE (DEFAULT: 0
°C TO 90°C)†
( )
Blank = 0
°C to 90°C, commercial temperature
A
= −40
°C to 105°C, extended temperature
400 (400-MHz CPU, 100-MHz EMIF)
500 (500-MHz CPU, 100-MHz EMIF)
600 (600-MHz CPU, 133-MHz EMIF)
Figure 1−7. TMS320DM64x
 DSP Device Nomenclature (Including the DM641 and DM640 Devices)
1.10.2.2 Documentation Support
Extensive documentation supports all TMS320
 DSP family generations of devices from product
announcement through applications development. The types of documentation available include: data
sheets, such as this document, with design specifications; complete user’s reference guides for all devices
and tools; technical briefs; development-support tools; on-line help; and hardware and software applications.
The following is a brief, descriptive list of support documentation specific to the C6000
 DSP devices:
The TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189) describes the
C6000
 DSP CPU (core) architecture, instruction set, pipeline, and associated interrupts.
The TMS320C6000 DSP Peripherals Overview Reference Guide (literature number SPRU190) provides an
overview and briefly describes the functionality of the peripherals available on the C6000
 DSP platform of
devices. This document also includes a table listing the peripherals available on the C6000 devices along with
literature numbers and hyperlinks to the associated peripheral documents.
The TMS320C64x Technical Overview (literature number SPRU395) gives an introduction to the C64x
digital signal processor, and discusses the application areas that are enhanced by the C64x
 DSP
VelociTI.2
 VLIW architecture.
The TMS320C64x DSP Video Port/VCXO Interpolated Control (VIC) Port Reference Guide (literature number
SPRU629) describes the functionality of the Video Port and VIC Port peripherals.
The TMS320C6000 DSP Multichannel Audio Serial Port (McASP) Reference Guide (literature number
SPRU041) describes the functionality of the McASP peripheral.
TMS320C6000 DSP Inter-Integrated Circuit (I2C) Module Reference Guide (literature number SPRU175)
describes the functionality of the I2C peripheral.
TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data Input/Output (MDIO)
Module Reference Guide (literature number SPRU628) describes the functionality of the EMAC and MDIO
peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com