Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 85Page - Texas Instruments TMS320DM641 Datasheet HTML 86Page - Texas Instruments TMS320DM641 Datasheet HTML 87Page - Texas Instruments TMS320DM641 Datasheet HTML 88Page - Texas Instruments TMS320DM641 Datasheet HTML 89Page - Texas Instruments TMS320DM641 Datasheet HTML 90Page - Texas Instruments TMS320DM641 Datasheet HTML 91Page - Texas Instruments TMS320DM641 Datasheet HTML 92Page - Texas Instruments TMS320DM641 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 171 page
background image
Power Supplies
89
June 2003 − Revised August 2004
SPRS222C
Table 4−2. Characteristics of the Power-Down Modes
PRWD FIELD
(BITS 15−10)
POWER-DOWN
MODE
WAKE-UP METHOD
EFFECT ON CHIP’S OPERATION
000000
No power-down
—
—
001001
PD1
Wake by an enabled interrupt
CPU halted (except for the interrupt logic)
Power-down mode blocks the internal clock inputs at the
010001
PD1
Wake by an enabled or
non-enabled interrupt
Power-down mode blocks the internal clock inputs at the
boundary of the CPU, preventing most of the CPU’s logic from
switching. During PD1, EDMA transactions can proceed between
peripherals and internal memory.
011010
PD2†
Wake by a device reset
Output clock from PLL is halted, stopping the internal clock
structure from switching and resulting in the entire chip being
halted. All register and internal RAM contents are preserved. All
functional I/O “freeze” in the last state when the PLL clock is
turned off.
011100
PD3†
Wake by a device reset
Input clock to the PLL stops generating clocks. All register and
internal RAM contents are preserved. All functional I/O “freeze” in
the last state when the PLL clock is turned off. Following reset, the
PLL needs time to re-lock, just as it does following power-up.
Wake-up from PD3 takes longer than wake-up from PD2 because
the PLL needs to be re-locked, just as it does following power-up.
All others
Reserved
—
—
† When entering PD2 and PD3, all functional I/O remains in the previous state. However, for peripherals which are asynchronous in nature or
peripherals with an external clock source, output signals may transition in response to stimulus on the inputs. Under these conditions,
peripherals will not operate according to specifications.
4.3.7
C64x Power-Down Mode with an Emulator
If user power-down modes are programmed, and an emulator is attached, the modes will be masked to allow
the emulator access to the system. This condition prevails until the emulator is reset or the cable is removed
from the header. If power measurements are to be performed when in a power-down mode, the emulator cable
should be removed.
When the DSP is in power-down mode PD2 or PD3, emulation logic will force any emulation execution
command (such as Step or Run) to spin in IDLE. For this reason, PC writes (such as loading code) will fail.
A DSP reset will be required to get the DSP out of PD2/PD3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com