Electronic Components Datasheet Search
  English  ▼

X  

TRF6901 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF6901 Datasheet HTML 4Page - Texas Instruments TRF6901 Datasheet HTML 5Page - Texas Instruments TRF6901 Datasheet HTML 6Page - Texas Instruments TRF6901 Datasheet HTML 7Page - Texas Instruments TRF6901 Datasheet HTML 8Page - Texas Instruments TRF6901 Datasheet HTML 9Page - Texas Instruments TRF6901 Datasheet HTML 10Page - Texas Instruments TRF6901 Datasheet HTML 11Page - Texas Instruments TRF6901 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ac electrical characteristics over full range of operating conditions, VCC = 2.7 V, TA = 25°C
(continued)
transmitter (XTAL, PLL, VCO, and PA)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TX frequency range
860
930
MHz
0-dB attenuation
8
Output power†
10-dB attenuation
0
dBm
Output power†
20-dB attenuation
−10
dBm
Off‡
−50
0-dB attenuation
6
Output power (VCC = 1.8 V)†
10-dB attenuation
−3
dBm
Output power (VCC = 1.8 V)†
20-dB attenuation
−9
dBm
Second harmonic
−15
dBc
Third harmonic
−20
dBc
Frequency deviation§
FSK
32
kHz
Power ON-OFF ratio
OOK, 0-dB mode
50
dB
Data rate
FSK
64
kbit/s
† Matched to 50 Ω using an external matching network.
‡ Not selectable with PA attenuation bits A< 7 : 6 >. Measured while the TRF6901 device is in RX mode.
§ Dependant upon external circuitry.
XTAL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency range
10
20
MHz
brownout detector
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage threshold, Vdet
Set by B<2:1>
1.8
2.4
V
Voltage steps (
∆V)
200
mV
Number of steps
4
Output level
Connected to typical input port of
microcontroller
CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com