Electronic Components Datasheet Search
  English  ▼

X  

TRF6901 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 2 Page - Texas Instruments

  TRF6901 Datasheet HTML 1Page - Texas Instruments TRF6901 Datasheet HTML 2Page - Texas Instruments TRF6901 Datasheet HTML 3Page - Texas Instruments TRF6901 Datasheet HTML 4Page - Texas Instruments TRF6901 Datasheet HTML 5Page - Texas Instruments TRF6901 Datasheet HTML 6Page - Texas Instruments TRF6901 Datasheet HTML 7Page - Texas Instruments TRF6901 Datasheet HTML 8Page - Texas Instruments TRF6901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The TRF6901 single-chip solution is an integrated circuit intended for use as a low cost FSK or OOK transceiver
to establish a frequency-programmable, half-duplex, bidirectional RF link. The multichannel transceiver is
intended for digital (FSK, OOK) modulated applications in the new 868-MHz European band and the North
American 915-MHz ISM band. The single-chip transceiver operates down to 1.8 V and is designed for low power
consumption. The synthesizer has a typical channel spacing of better than 200 kHz and uses a fully-integrated
VCO. Only the PLL loop filter is external to the device.
Two fully-programmable operation modes, Mode0 and Mode1, allow extremely fast switching between two
preprogrammed settings (for example, receive (RX)/transmit (TX); TX_frequency_0/TX_frequency_1;
RX_frequency_0/RX_frequency_1;
…) without reprogramming the device.
ISM band standards
Europe has assigned an unlicensed frequency band of 868 MHz to 870 MHz. This band is specifically defined
for short range devices with duty cycles from 0.1% to 100% in several subbands. The existing 433-MHz band
for short-range devices in Europe has the great disadvantage of high usage. The new European frequency
band, due to the duty cycle assignment, allows a reliable RF link and makes many new applications possible.
The North American unlicensed ISM band covers 902 MHz to 928 MHz (center frequency of 915 MHz) and is
suitable for short range RF links.
transmitter
The transmitter consists of an integrated VCO and tank circuit, a complete integer-N synthesizer, and a power
amplifier. The divider, prescaler, and reference oscillator require only the addition of an external crystal and a
loop filter to provide a complete PLL with a typical frequency resolution of better than 200 kHz.
Since the typical RF output power is approximately 9 dBm, no additional external RF power amplifier is
necessary in most applications.
receiver
The integrated receiver is intended to be used as a single-conversion FSK/OOK receiver. It consists of a low
noise amplifier, mixer, limiter, FM/FSK demodulator with an external LC tank circuit or ceramic resonator, a LPF
amplifier, and a data slicer. The received strength signal indicator (RSSI) can be used for fast carrier sense
detection or as an on/off keying, or amplitude shift keying, (OOK/ASK) demodulator.
baseband interface
The TRF6901 can easily be interfaced to a baseband processor such as the Texas Instruments MSP430
ultralow-power microcontroller (see Figure 1). The TRF6901 serial control registers are programmed by the
MSP430 and the MSP430 performs baseband operations in the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com