Electronic Components Datasheet Search
  English  ▼

X  

TRF6901 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF6901 Datasheet HTML 7Page - Texas Instruments TRF6901 Datasheet HTML 8Page - Texas Instruments TRF6901 Datasheet HTML 9Page - Texas Instruments TRF6901 Datasheet HTML 10Page - Texas Instruments TRF6901 Datasheet HTML 11Page - Texas Instruments TRF6901 Datasheet HTML 12Page - Texas Instruments TRF6901 Datasheet HTML 13Page - Texas Instruments TRF6901 Datasheet HTML 14Page - Texas Instruments TRF6901 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
demodulator
The quadrature demodulator decodes digital frequency shift keying (FSK) modulation. An external ceramic
discriminator or an equivalent discrete circuit is required at terminal 35. The demodulator is optimized for use
with a ceramic discriminator. Thus, the use of a packaged ceramic discriminator is recommended for the best
performance. Internal resistors can be programmed with D<14:12> to tune the demodulator center frequency.
The recommended default setting for the demodulator tuning bits is D<14:12> = 110. The resonant frequency
of the discrete-component discriminator can be calculated from the inductor and capacitor values used in the
circuit. A parallel resistor may be added to reduce the quality factor (Q) of the tank circuit, depending on the
application.
ƒ
res
+
1
2
p LC
35
LR
C
External Tank
Figure 4. Optional External Discrete Demodulator Tank
post-detection amplifier/low-pass filter
The post-detection amplifier operates as a low-pass transimpedance amplifier. The external low-pass filter
circuit must be optimized for the data rate. The 3-dB corner frequency of the low-pass filter should be greater
than twice the data rate. Various low-pass filter designs use two to five components and may be first- or
second-order designs. Simple 2-element filter component values and 3-dB bandwidths are contained in Table 1.
Internal Low-Pass Amplifier
37
36
External
Low-Pass
Filter
R1
C1
C2
R2
Figure 5. Post-Detection Amplifier/Low-Pass Filter
Table 1. Various Post-Detection Amplifier/Low-Pass Filter
3-dB Bandwidth and Corresponding Component Values
f3dB (kHz)
10
20
30
60
R2 (k
Ω)
220
220
220
220
C2 (pF)
68
33
22
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com