Electronic Components Datasheet Search
  English  ▼

X  

TRF6901 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TRF6901 Datasheet HTML 8Page - Texas Instruments TRF6901 Datasheet HTML 9Page - Texas Instruments TRF6901 Datasheet HTML 10Page - Texas Instruments TRF6901 Datasheet HTML 11Page - Texas Instruments TRF6901 Datasheet HTML 12Page - Texas Instruments TRF6901 Datasheet HTML 13Page - Texas Instruments TRF6901 Datasheet HTML 14Page - Texas Instruments TRF6901 Datasheet HTML 15Page - Texas Instruments TRF6901 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
data slicer
The data slicer is a comparator circuit for received digital (FSK) data. The data slicer output voltage depends
on the difference between the received signal and a reference voltage (at the sample-and-hold (S&H) capacitor)
used as a decision threshold. During the learn mode, the S&H capacitor connected to terminal 34 is charged
up to the average dc voltage of a training sequence of alternating ones and zeroes; this establishes the
reference voltage to be used as a decision level before a sequence of actual data is received in the hold mode.
During long data transmissions, more training sequences may be necessary to recharge the S&H capacitor.
If the modulation scheme is dc-free (Manchester coding) or constant-dc, the TRF6901 may be operated
continuously in the learn mode, and no training sequence is necessary before the transmission of a data string.
However, the S&H capacitor voltage may be incorrect during power up or after long periods of inactivity (no data
transmission); a learning sequence before each data transmission is recommended.
The comparator is a CMOS circuit that does not load the S&H capacitor, so leaving the transmission gate
(learn/hold switch) open during periods of inactivity may be useful in maintaining the capacitor reference
voltage; however, it gradually discharges due to leakage current.
The time constant for charging the S&H capacitor is determined by its capacitance and an internal 50-k
Ω
resistor. A slow data rate requires a larger S&H capacitor (longer time constant). The value of the S&H capacitor,
Csh, can be calculated with the following equation:
Csh
^ 5
T
50000
where T is the bit period.
Low-Pass Amplifier
Csh{
Learn/Hold
50 k
Ω
34
LPF Out
Comparator
39
{External Sample-and-Hold Capacitor
33
Figure 6. Data Slicer
main divider
The main divider is composed of a 5-bit A-counter, a 9-bit B-counter, and a prescaler. The A-counter controls
the divider ratio of the prescaler, which divides the VCO signal by either 33 or 32. The prescaler divides by 33
until the A-counter reaches its terminal count and then divides by 32 until the B-counter reaches terminal count,
whereupon both counters reset and the cycle repeats. The total divide-by-N operation is related to the 32/33
prescaler by:
NTOTAL = 33 x A + 32 x (B – A)
where 0
≤ A ≤ 31 and 31 ≤ B ≤ 511 or, NTOTAL = A + 32B
Thus, the N-divider has a range of 992
≤ NTOTAL ≤ 16383.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com