Electronic Components Datasheet Search
  English  ▼

X  

TRF6901 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TRF6901 Datasheet HTML 14Page - Texas Instruments TRF6901 Datasheet HTML 15Page - Texas Instruments TRF6901 Datasheet HTML 16Page - Texas Instruments TRF6901 Datasheet HTML 17Page - Texas Instruments TRF6901 Datasheet HTML 18Page - Texas Instruments TRF6901 Datasheet HTML 19Page - Texas Instruments TRF6901 Datasheet HTML 20Page - Texas Instruments TRF6901 Datasheet HTML 21Page - Texas Instruments TRF6901 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Address 00 (A-Word)
Terminal 21 (MODE) selects bits A< 21 : 5 > if low, or B< 21 : 5 > if high.
Main divider A< 21 : 17 >: 5-bit value for divider ratio of the A-counter
Main divider A< 16 : 8 >: 9-bit value for divider ratio of the B-counter
PA attenuation A< 7 : 6 >: 2 bits for setting the PA attenuation
A< 7:6>
PA ATTENUATION
00
10 dB
01
20 dB
10
0 dB
11
Not defined
A< 5 >: 1 bit TX/RX mode select
A< 5 >
TX/RX MODE
0
RX mode
1
TX mode
A< 3: 2 >: 2 bits for setting the charge pump current
A<3 : 2 >
CP CURRENT
00
0.5 mA
01
1 mA
10
0.25 mA
11
Not defined
A<1 >: Set to 0
A< 0 >: Enables or disables the dc-dc converter
A< 0 >
DC-DC CONVERTER
0
Off
1
On
NOTE: When A<0> is high, at least one bit in C<6:0> must be high to enable the VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com