Electronic Components Datasheet Search
  English  ▼

X  

TRF6901 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TRF6901 Datasheet HTML 21Page - Texas Instruments TRF6901 Datasheet HTML 22Page - Texas Instruments TRF6901 Datasheet HTML 23Page - Texas Instruments TRF6901 Datasheet HTML 24Page - Texas Instruments TRF6901 Datasheet HTML 25Page - Texas Instruments TRF6901 Datasheet HTML 26Page - Texas Instruments TRF6901 Datasheet HTML 27Page - Texas Instruments TRF6901 Datasheet HTML 28Page - Texas Instruments TRF6901 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Reference
Generator
DC-DC
Converter
LNA
RSSI
24
23
22
21
20
19
18
17
16
15
14
13
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
Data
slicer
LPF_OUT
CER_DIS
SLC_CAP
RX_DATA
TX_DATA
XTAL_SW
XTAL
CLKTST_OUT
DC_DC_IN
PA_OUT
PA_VCC
VCO_VCC
VCO_TANK2
VCO_TANK1
U1
TRF6901
PLL
VCO
C12
2.7 pF
C16
2.7 pF
L2
10 nH
C13
22 pF
C15
RX_IN+
LNA_VCC
VCO_VCC
L6
8.2 nH
C21
1.8 pF
PA_VCC
TX_OUT
J2
J4
J1
C23
150 pF
C27
100 pF
C26
0.1
µ F
VCO_VCC2
DCDC_OUT
C36
100 pF
R14
18 k
Ω
C44
1000 pF
R19
6.8 k
Ω
C49
10000 pF
C35
0.22
µ F
DCDC_OUT
VCO_VCC2
C45
0.1
µ F
C46
10000 pF
2
1
3
DCDC_OUT
XTAL1
C22
68 pF
C24
15 pF
DCDC_VCC
STDBY
MCU_CLK
XTAL_VCC
TX_DATA
RX_DATA
C20
2200 pF DIS1
10.7
C14
15 pF
R5
220 k
Ω
L3
4.7
µ H
C5
15 pF
C4
82 pF
C6
82 pF
BPF1
SFECV10.7 MA 2S−A or SFECF10M7EA00
BW = 330 kHz
1
2
3
C7
120 pF
C9
68 pF
1
2
3
L1
4.7
µ H
C31
0.1 F
µ
JP1
JP3
R13
100
Ω
L7
47
µ H
C37
0.47 F
µ
C38
1 F
µ
C39
0.47 F
µ
CDACV10M7GA001
SMI
97SMX(C)− 20 MHZ
CDSCA10M7GA119,
or
CDSCB10M7GA119,
Figure 11. Typical Application Schematic for the 902-MHz to 928-MHz North American 32-kbps NRZ,
±50-kHz Deviation FSK Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com