Electronic Components Datasheet Search
  English  ▼

X  

TRF6901 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF6901 Datasheet HTML 5Page - Texas Instruments TRF6901 Datasheet HTML 6Page - Texas Instruments TRF6901 Datasheet HTML 7Page - Texas Instruments TRF6901 Datasheet HTML 8Page - Texas Instruments TRF6901 Datasheet HTML 9Page - Texas Instruments TRF6901 Datasheet HTML 10Page - Texas Instruments TRF6901 Datasheet HTML 11Page - Texas Instruments TRF6901 Datasheet HTML 12Page - Texas Instruments TRF6901 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing data for serial interface
PARAMETER
MIN
MAX
UNIT
f(CLOCK)
Clock frequency
20
MHz
tw(CLKHI)
Clock high-time pulse width, clock high
25
ns
tw(CLKLO)
Clock low-time pulse width, clock low
25
ns
tsu(D)
Setup time, data valid before CLOCK
↑
25
ns
th(D)
Hold time, data valid after CLOCK
↑
25
ns
td(CLKLO)
Delay time of CLOCK low before STROBE high
25
ns
tw(STROBEHI)
STROBE high-time pulse width, STROBE high
25
ns
tw(STROBELO)
STROBE low-time pulse width, STROBE low
25
ns
STROBE
t su(D)
Data
Valid
Data
Change
DATA
CLOCK
th(D)
t w(CLKHI)
t w(CLKLO)
Clock Disabled
Store Data
Shift in Data
t
w(STROBEHI)
−V
H
−V
L
t d(CLKLO)
MSB
LSB
MSB
Start of
Next Word
Strobe Enabled
Clock Enabled
−V
H
−V
L
−V
H
−V
L
tw(STROBELO)
tf
tr
NOTE: Most significant bit (MSB) clocked in first to the synthesizer.
Figure 2. Timing Data for Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com