Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 3 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 3 Page - Texas Instruments

  THMC50 Datasheet HTML 1Page - Texas Instruments THMC50 Datasheet HTML 2Page - Texas Instruments THMC50 Datasheet HTML 3Page - Texas Instruments THMC50 Datasheet HTML 4Page - Texas Instruments THMC50 Datasheet HTML 5Page - Texas Instruments THMC50 Datasheet HTML 6Page - Texas Instruments THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADD/NTEST_OUT
13
Digital I/O
This terminal is used to determine the two LSBs of the SMBus address during initial
power on and it also functions as a digital output when doing a NAND tree test.
AUXRST
3
Digital I/O
(open drain)
This terminal is asserted low while VCC3AUX remains below the reset threshold. It
remains asserted for the reset timeout period after the reset condition is terminated. It is
bidirectional so that the THMC50 can be optionally reset; external logic must be used to
prevent a system auxiliary reset from occurring.
FAN_OFF
1
Digital output
(open drain)
Fan off request output. When commanded low via bit 5 in the configuration register
(0
×40), this indicates a request to shut the fan off independent of the FAN_SPD output.
When commanded high via bit 5 in the configuration register (0
×40), it indicates that the
fan may be turned on. This is an open-drain output requiring an external pullup.
Note: This terminal requires external circuitry to turn the fan off. It does not command the
analog output to 0
×00 (see Typical Application Schematic).
FAN_SPD/NTEST_IN
8
Analog
output/test input
This terminal is an active-high input that enables NAND tree board-level connectivity
testing during device power up. Refer to the section on NAND tree testing. Also used as
the analog output of the 8-bit DAC for fan speed control when not in NAND tree test
mode.
GND
4
Ground
GPI
12
Digital input
General-purpose input. The logic state of this terminal is reflected in bit 4 of the interrupt
status register (0x41). The logic state of the GPI terminal reported in bit 4 of the interrupt
status register (0x41) is inverted from the actual GPI logic state if bit 6 of the configuration
register (0x40) is set to a 1. If bit 6 of the configuration register (0
×40) is set to a 0, then bit
4 of the interrupt status register (0
×41) reports the same logic state present on the GPI
terminal.
INT
14
Digital output
(open drain)
System interrupt output. This signal indicates a violation of a set trip point. The INT output
is enabled when bit 1 of the configuration register (0x40) is set to 1. The default state is
disabled.
MR
2
Digital input
Manual reset. A logic low on this input causes RST to be asserted. Once this input is
negated, RST remains asserted for approximately 180 ms. This input has an internal
20-k
Ω pullup resistor. Leave unconnected if not used.
REMOTE_DIODE–
9
Remote thermal
diode negative
input
This is the negative input (current sink) from the remote thermal diode.
REMOTE_DIODE+
10
Remote thermal
diode positive
input
This is the positive input (current source) from the remote thermal diode.
RST
7
Digital output
(open drain)
This terminal is asserted low under any of the following conditions:
•
VCC3 remains below the reset threshold
•
While MR is held low
•
While AUXRST is asserted
It remains asserted for the reset timeout period after the reset conditions are terminated.
The RST function also resets the FAN_SPD analog output to 0xoo when asserted,
unless THERM is asserted, then the FAN_SPD analog output will be 0xFF.
SCL
15
Digital input
Serial SMBus clock
SDA
16
Digital I/O
(open drain)
Serial SMBus bidirectional data
THERM
11
Digital I/O
(open drain)
This is an active low thermal overload output that indicates a violation of a temperature
set point (overtemperature) for at least three monitoring cycles. Also acts as an input to
indicate a thermal event for fan control. When this signal is asserted low externally, a
status bit is set. The automatic fan control is activated to full on whenever this signal is
low.
VCC3
6
Analog input
This is a 3.3-V main voltage monitor input for main reset generator (RST). This is not the
power supply terminal for THMC50.
VCC3AUX
5
Power supply
voltage input
This 3.3-V auxiliary voltage is the THMC50 power source and voltage monitor input for
auxiliary reset generator (AUXRST). This terminal powers all THMC50 internal circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com