Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 10 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 6Page - Texas Instruments THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments THMC50 Datasheet HTML 10Page - Texas Instruments THMC50 Datasheet HTML 11Page - Texas Instruments THMC50 Datasheet HTML 12Page - Texas Instruments THMC50 Datasheet HTML 13Page - Texas Instruments THMC50 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
functional description
The THMC50 provides a remote thermal diode temperature sensor, an internal ambient temperature sensor,
an analog output, and two voltage supervisors/reset generators.
Temperatures read from the remote and internal sensors are converted into an 8-bit, 2s-complement digital
word with a 1
°C LSB (least significant bit). The analog output is a 0-V to 2.5-V output from an 8-bit DAC that
is used along with external circuitry to control the fan speed. The analog output is automatically set by the
THMC50 to full on (0
×FF), the FAN_OFF output floats (fan is on), and THERM is asserted low when either of
two automatic trip points is exceeded for more than three monitoring cycle times. The FAN_SPD analog output
will be reset to full off (0x00) whenever RST is asserted.
The THMC50 provides a number of internal registers, as detailed in Table 1. These include:
Register:
Function:
Configuration register
Provides control and configuration, as well as initialization
Interrupt status register
Provides status of each limit or interrupt event
Interrupt status register mirror
Mirror registers can be used by second agent needing to monitor
the THMC50 status.
Interrupt mask register
Allows masking of individual interrupt sources, as well as
separate masking for the hardware interrupt output
Value RAM
The monitoring results and limits for temperature are all
contained in the value RAM.
When the THMC50 is first started, it performs temperature conversions at a rate of 1Hz. Each measured
temperature value is compared to values stored in the limit registers. When the measured value exceeds the
programmed limit, the THMC50 sets a corresponding error bit in the interrupt status register. An open drain
hardware interrupt line, INT, is available to generate an interrupt. INT is fully programmable with masking of each
interrupt source, and with masking of the INT output.
The temperature monitoring section also has an open drain input/output, THERM. This line is asserted low
internally whenever a critical temperature limit is exceeded for at least three monitoring cycles. It can also be
asserted low externally. Whenever THERM is asserted low, either internally or externally, the analog output
automatically goes to full scale (0xFF) and the FAN_OFF output floats (fan is on) in order to command the fan
to full speed.
SMBus interface
When using the SMBus interface, a write always consists of the THMC50 SMBus interface address byte,
followed by the internal address register byte, then the data byte (see Figure 2). There are two cases for a read:
1.
If the internal address register is known to be at the desired address, simply read the THMC50 with the
SMBus interface address byte, followed by the data byte read from the THMC50 (see Figure 5).
2.
If the internal address register value is unknown, write to the THMC50 with the SMBus interface address
byte, followed by the internal address register byte (see Figure 4). Next, restart the serial communication
with a read consisting of the SMBus interface address byte, followed by the data byte read from the
THMC50.
The default power-on SMBus address for the THMC50 is 01011XX binary, where XX reflects the state defined
by the add terminal. This allows up to three THMC50 devices to be used on a single system. Table 1 shows how
the state of the add terminal is used to define the THMC50 SMBus slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com