Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 6 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 2Page - Texas Instruments THMC50 Datasheet HTML 3Page - Texas Instruments THMC50 Datasheet HTML 4Page - Texas Instruments THMC50 Datasheet HTML 5Page - Texas Instruments THMC50 Datasheet HTML 6Page - Texas Instruments THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments THMC50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
dc electrical characteristics, VCC3 = V(VCC3AUX) = 3.3 V, TA = 25°C (unless otherwise noted)
(continued)
analog output: FAN_SPD/NTEST_IN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output voltage range
0
2.5
V
Total unadjusted error (TUE) (see Note 5)
IL = –2 mA
–3%
3%
Full-scale error
–3%
±1%
3%
Zero error, LSB
No load
2
Differential nonlinearity (DNL), LSB (monotonic by design)
DAC setting
0
× 16 to 0 × FF
–1
1
Integral nonlinearity, LSB
±1
C(LOAD)
Maximum external load capacitance allow to insure DAC
stability
Design parameter only –
not tested
50
pF
I(SOURCE) Output source current
DAC setting
0
× 16 to 0 × FF
–2
mA
I(SINK)
Output sink current
DAC setting
0
× 16 to 0 × FF
1
mA
NOTE 5: Total unadjusted error (TUE) includes offset, gain, and linearity errors of the DAC.
remote thermal diode sensing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
T(RES)
Temperature resolution
1
°C
I(DIODE)
Diode source current
REMOTE_DIODE+ = REMOTE_DIODE– + 0.65 V,
high level
80
130
µA
(DIODE)
Low level
8
13
µ
I(RATIO)
Diode source current ratio
High level/low level
9.8
10
10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com