Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 11 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments THMC50 Datasheet HTML 10Page - Texas Instruments THMC50 Datasheet HTML 11Page - Texas Instruments THMC50 Datasheet HTML 12Page - Texas Instruments THMC50 Datasheet HTML 13Page - Texas Instruments THMC50 Datasheet HTML 14Page - Texas Instruments THMC50 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 1. THMC50 ADD Terminal States and Resulting SMBus Slave Address
ADD TERMINAL
RESULTING THMC50 SMBUS ADDRESS
GND
0101110
No Connect
0101100
VCC
0101101
Refer to Figure 1 through Figure 5 for the SMBus timing diagrams. The THMC50 does not support the SMBSUS
or SMBALERT sideband signals referenced in the SMBus specification.
THMC50 usage
The following sections describe the typical usage for the THMC50.
power-on reset
Applying power to the VCC3AUX terminal causes a reset of all of the registers to their default states. Some
registers have indeterminate power-on values, such as the limit and RAM registers, and these are not shown
in the table. Writing limit values into the value RAM should be the first action performed after power up. Refer
to the register definition tables for default power-on values of all other registers.
If the FAN_SPD/NTEST_IN terminal is held high during power-on reset, the THMC50 enters the NAND tree test
mode. Once the NAND tree test mode is enabled, it can only be disabled by cycling VCC3AUX power.
The FAN_SPD analog output is reset to 0x00 whenever RST is asserted low. During the time RST is asserted
low, a THERM assertion will still cause the FAN_SPD analog output to go to full scale (0xFF).
The THMC50 contains a bidirectional reset terminal, AUXRST, which causes an internal reset when pulled low
externally. Refer to the section describing AUXRST for more detail.
soft reset
The THMC50 can be commanded to perform an internal soft reset by setting bit 4 of the configuration register
(0x40). This bit automatically clears itself after being set. A soft reset performs a similar reset to the power-on
reset, except that the value RAM remains unchanged. Registers that are reset by both types of reset include:
0
×40 configuration register
0
×41 interrupt status register
0
×43 interrupt mask register
0
×4C interrupt status register mirror
beginning a conversion
The THMC50 monitoring function is started by default. It is expected that the system BIOS initializes the
THMC50 as quickly as possible during POST. The BIOS should then clear the INT clear (bit 2) and set INT
enable (bit 1) in the configuration register (0
×40) in order to enable THMC50 interrupts and the INT function.
The results of the sampling and conversion can be found in the value RAM and are available at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com