Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 4 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 4 Page - Texas Instruments

  THMC50 Datasheet HTML 1Page - Texas Instruments THMC50 Datasheet HTML 2Page - Texas Instruments THMC50 Datasheet HTML 3Page - Texas Instruments THMC50 Datasheet HTML 4Page - Texas Instruments THMC50 Datasheet HTML 5Page - Texas Instruments THMC50 Datasheet HTML 6Page - Texas Instruments THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating case temperature (see Note 1) (unless otherwise noted)†
Voltage on VCC3AUX supply terminal, V(VCC3AUX)
–0.3 V to 5.75 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum voltage allowed for FAN_OFF pullup, V(FAN_OFF)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage on any I/O terminals (except analog inputs), V(IOIN)
–0.3 V to V(VCC3AUX)+0.3 V
. . . . . . . . . .
Input current on any I/O terminal (see Note 2), I(IOIN)
–5 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package input current (see Note 2), I(PACKAGE)
–20 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage on REMOTE_DIODE– terminal,V(REMOTE_DIODE–)
–0.3 V to 0.8 V
. . . . . . . . . . . . . . . . . . . . . .
REMOTE_DIODE– input current, I(REMOTE_DIODE–)
–1 mA to 1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Human body model ESD susceptibility, V(HBMESD)
±2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation (see Note 3), PD
330 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature (see Note 4), Tstg
–65
°C to 165°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec), T(LEAD)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are measured with respect to GND, unless otherwise specified.
2. The 20-mA maximum package input current rating limits the number of terminals that can safely exceed the power supplies with
an input current of 5 mA to four terminals.
3. The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient
temperature, TA. The maximum allowable power dissipation at any temperature is PD = (TJmax – TA)/θJA.
4. Solder accordingly to IPC standards.
dc electrical characteristics, VCC3 = V(VCC3AUX) = 3.3 V, TA = 25°C (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V(VCC3AUX RST)
VCC3AUX reset generator
supply voltage
Voltage on VCC3AUX needed to guarantee
RST and AUXRST to stay valid
1
3.8
V
V(VCC3AUX_RST)
VCC3AUX supply voltage
Normal operating supply voltage for all other
THMC50 circuits
3
3.3
3.8
V
I(VCC3AUX)
Supply current
(interface inactive)
Exclude D/A converter source/sink current
1
2
mA
I(VCC3AUX_STANDBY) Standby mode
500
µA
voltage supervisors
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VTHAUXRST
Threshold voltage on VCC3AUX for
AUXRST active
Reduce VCC3AUX from 3.8 V until AUXRST
is low.
2.88
3
V
VTHRST
Threshold voltage on VCC3 for RST
active
Reduce VCC3 from 3.8 V until RST is low
with VCC3AUX = 3.3 V
2.88
3
V
temperature-to-digital converter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
T(ACC)
Measured temperature accuracy
–40
°C ≤TA < 60°C and
100
°C <TA ≤ 125°C
–5
5
°C
(ACC)
y
60
°C ≤TA ≤ 100°C
–3
3
T(RES)
Temperature resolution
Design parameter – not tested
1
°C
V(THRESH)
Remote_Diode+ open fault threshold
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com