Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 5 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 5 Page - Texas Instruments

  THMC50 Datasheet HTML 1Page - Texas Instruments THMC50 Datasheet HTML 2Page - Texas Instruments THMC50 Datasheet HTML 3Page - Texas Instruments THMC50 Datasheet HTML 4Page - Texas Instruments THMC50 Datasheet HTML 5Page - Texas Instruments THMC50 Datasheet HTML 6Page - Texas Instruments THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
dc electrical characteristics, VCC3 = V(VCC3AUX) = 3.3 V, TA = 25°C (unless otherwise noted)
(continued)
digital output: ADD/NTEST_OUT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Logical 1 output voltage
IOUT = –3 mA at V(VCC3AUX) = 2.85 V
2.4
V
VOL
Logical 0 output voltage
IOUT = 3 mA at V(VCC3AUX) = 3.8 V
0.4
V
open-drain digital outputs: THERM, INT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Logical 0 output voltage
IOUT = 3 mA at V(VCC3AUX)= 3.8 V
0.4
V
IOH
High level output current
VOUT = V(VCC3AUX) = 3.8 V
0.1
100
µA
open-drain digital outputs: RST, AUXRST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Logical 0 output voltage
IOUT = 3 mA at V(VCC3AUX) = 3.8 V
0.4
V
VOL
Logical 0 output voltage
IOUT = 3 mA at V(VCC3AUX) = 1 V
0.4
V
IOH
High level output current
VOUT = V(VCC3AUX) = 3.8 V
0.1
100
µA
open-drain digital output: FAN_OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Logical 0 output voltage
IOUT = 6 mA at V(VCC3AUX) = 3.8 V
0.4
V
IOH
High level output current
VOUT = V(VCC3AUX) = 3.8 V
0.1
100
µA
open-drain SMBus output: SDA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Logical 0 output voltage
IOUT = 3 mA at V(VCC3AUX)= 3.8 V
0.4
V
IOH
High level output current
VOUT = V(VCC3AUX) = 3.8 V
0.1
100
µA
SMBus digital inputs: SCL, SDA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Logical 1 input voltage
0.7
× V(VCC3AUX)
V
VIL
Logical 0 input voltage
0.3
× V(VCC3AUX)
V
digital inputs: FAN_SPD/NTEST_IN, ADD/NTEST_OUT, MR, GPI
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Logical 1 input voltage (5 V)
2.4
V
VIL
Logical 0 input voltage (5 V)
0.8
V
VIH
Logical 1 input voltage (3.3 V)
2
V
VIL
Logical 0 input voltage (3.3 V)
0.4
V
IIH
Logical 1 input current
VIN = V(VCC3AUX)
–0.005
–1
mA
IIL
Logical 0 input current (except MR)
VIN =0Vdc
0.005
1
mA
IIL
Logical 0 input current (MR)
VIN = 0 V dc
165
250
µA
C(IN)
Digital input terminal capacitance
Design parameter only – not tested
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com