Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 1 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 1 Page - Texas Instruments

  THMC50 Datasheet HTML 1Page - Texas Instruments THMC50 Datasheet HTML 2Page - Texas Instruments THMC50 Datasheet HTML 3Page - Texas Instruments THMC50 Datasheet HTML 4Page - Texas Instruments THMC50 Datasheet HTML 5Page - Texas Instruments THMC50 Datasheet HTML 6Page - Texas Instruments THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Two-Wire SMBus Serial Interface
D 3.3 V Operation
D Low Operating and Standby Current
D Remote and Local Temperature Monitoring
D 0 V to 2.5 V, 8-bit DAC for Fan Speed
Control
D Two Voltage Supervisors With Reset
Functions
D Fault Tolerant Fan Control With Automatic
Hardware Trip Point
D Bidirectional Thermal Overload Indicator
D ACPI Thermal Model Compliant
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FAN_OFF
MR
AUXRST
GND
VCC3AUX
VCC3
RST
FAN_SPD/NTEST_IN
SDA
SCL
INT
ADD/NTEST_OUT
GPI
THERM
REMOTE_DIODE+
REMOTE_DIODE–
16-Pin SSOP DBQ Package
(TOP VIEW)
NOTE: Pin assignments are preliminary.
description
The THMC50 is a local/remote temperature monitor with two voltage supervisor circuits and an 8-bit, 0-V to
2.5-V DAC designed for temperature monitoring and fan control via a two-wire SMBus serial interface. The
THMC50 is intended for use in personal computer applications according to the Advanced Configuration and
Power Interface (ACPI) thermal model. The device is also suitable for use in network routers and hubs, office
equipment, telephone switching networks, industrial control applications, and any other application requiring
temperature monitoring, fan speed control, and two 3.3-V supply voltage supervisors.
Temperature data is reported in a 2s complement, 8-bit binary format. The local temperature sensor can be used
to monitor the ambient temperature, while a remote thermal diode, such as the one present on the Intel®
Pentium® II, III, and the Sun® UltraSPARC
™ microprocessors, can be used to monitor the actual CPU die
temperature. For applications not using a microprocessor with an integrated thermal diode, an inexpensive
diode-connected 2N3904 NPN transistor can also be used to sense the remote temperature.
The THMC50 provides maskable interrupts for under/over temperature condition with default or user adjustable
limit values. If the temperature limit values are exceeded, the THMC50 asserts INT low. If the default thermal
limits are exceeded, the THERM terminal is asserted low, and the FAN_SPD analog output automatically goes
to full-scale voltage to set the fan at maximum speed. THERM can also be used as an input to instantly command
full fan speed.
The 8-bit, 0–2.5 V DAC output of the THMC50, along with an external amplifier circuit, provides the means to
control the speed of a cooling fan. Fault tolerant fan-speed control is achieved through default and
user-programmable values for high temperature limits that command the fan to full speed once the temperature
limits are exceeded.
The THMC50 also provides two reset functions for the V(VCC3AUX) and V(VCC3) supply voltage. The reset
functions are assured down to 1-V supply voltage.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Intel and Pentium are registered trademarks of Intel Corporation.
Sun is a registered trademark and UltraSPARC is a trademark of Sun Microsystems.


Similar Part No. - THMC50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC50 TI-THMC50 Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
THMC50SSOPDBQ TI-THMC50SSOPDBQ Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
More results

Similar Description - THMC50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC10 TI-THMC10 Datasheet
269Kb / 20P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G782 GMT-G782 Datasheet
44Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com