Electronic Components Datasheet Search
  English  ▼

X  

THMC50 Datasheet(PDF) 12 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments THMC50 Datasheet HTML 10Page - Texas Instruments THMC50 Datasheet HTML 11Page - Texas Instruments THMC50 Datasheet HTML 12Page - Texas Instruments THMC50 Datasheet HTML 13Page - Texas Instruments THMC50 Datasheet HTML 14Page - Texas Instruments THMC50 Datasheet HTML 15Page - Texas Instruments THMC50 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interrupt status register/interrupt status register mirror
The THMC50 contains a pair of interrupt status registers. These registers reflect the state of all of the possible
error conditions that the THMC50 monitors. When an error occurs during the conversion cycle, the
corresponding bit is set in the interrupt status register and the interrupt status register mirror. Once set, the bit
in the interrupt status register is cleared upon reading that register. Reading the interrupt status register does
not clear the mirror register, and vice versa. If the error condition persists after being cleared, the bit is again
set in both the interrupt status register and the mirror register.
analog output - FAN_SPD
The THMC50 has a single analog output, FAN_SPD/NTEST_IN, from an unsigned 8-bit DAC which produces
0 V to 2.5 V. This register is set to 0x00 on RST, which results in the minimal fan speed possible.
Note that if RST is asserted low, it is still possible for the FAN_SPD analog output to go to full scale (0xFF) if
THERM is asserted.
The FAN_SPD output must be amplified with external circuitry in order to achieve an output voltage range of
0 V to 12 V and an output current of at least 250 mA in order to drive a cooling fan. Figure 6 through Figure 11
illustrate external circuits that can be used to drive a fan.
+12 V
+12 V
FAN_SPD/NTEST_IN
LM324
Q1
2N2219A
R1
36 k
Ω
R2
10 k
Ω
_
+
Figure 6. External Fan Drive Circuit Using 1/4 LM324 and NPN Emitter-Follower, Single Supply
+12 V
+12 V
FAN_SPD/NTEST_IN
LM324
R4
1 k
Ω
R3
1 k
Ω
R1
39 k
Ω
R2
10 k
Ω
Q1
BD136
2SA968
+
–
Figure 7. External Fan Drive Circuit Using 1/4 LM324 and PNP Transistor, Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com