Electronic Components Datasheet Search
  English  ▼

X  

CLC5902 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 16Page - National Semiconductor (TI) CLC5902 Datasheet HTML 17Page - National Semiconductor (TI) CLC5902 Datasheet HTML 18Page - National Semiconductor (TI) CLC5902 Datasheet HTML 19Page - National Semiconductor (TI) CLC5902 Datasheet HTML 20Page - National Semiconductor (TI) CLC5902 Datasheet HTML 21Page - National Semiconductor (TI) CLC5902 Datasheet HTML 22Page - National Semiconductor (TI) CLC5902 Datasheet HTML 23Page - National Semiconductor (TI) CLC5902 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Rev. 3.05 May 27, 1999
20
©1999 National Semiconductor Corporation
AGC
The CLC5902 AGC processor monitors the output level of
the ADC and servos it to the desired setpoint. The ADC
input is controlled by the DVGA to maintain the proper
setpoint level. DVGA operation results in a compression
of the signal through the ADC. The DVGA signal com-
pression is reversed in the CLC5902 to provide > 120dB
of linear dynamic range. This is illustrated in Figure 30.
In order to use the AGC the DRCS Control Panel software
should be used to calculate the programmable parameters.
To generate these parameters only the desired setpoint,
deadband+hysteresis, and loop time constant need to be
supplied. All subsequent calculations are performed by the
software. Complete details of the AGC operation are pro-
vided in an appendix but are not required reading.
AGC setpoint and deadband+hysteresis are illustrated in
Figure 31. The loop time constant is a measure of how fast
the loop will track a changing signal. Values down to
approximately 1.0 microsecond will be stable with the sec-
ond order LC noise filter. Since the DVGA operates with
6dB steps the deadband should always be greater than 6dB
to prevent oscillation. An increased deadband value will
reduce the amount of AGC operation. A decreased dead-
band value will increase the amount of AGC operation but
will hold the ADC output closer to the setpoint. The
threshold should be set so that transients do not cause sus-
tained overrange at the ADC inputs. The threshold setting
can also be used to set the ADC input near its optimal per-
formance level.
The AGC may be configured to free run, operate for a pro-
grammable period of time (burst mode), or stop running. If
a burst start pulse is applied to the AGC_EN pin in burst
mode, the AGC will free run for AGC_HOLD_COUNT
CK periods then freeze. At the beginning of the next burst
either the freeze value is maintained or an initial condition
is set from AGC_IC_A|B based on AGC_RESET_EN.
Allowing the AGC to free run should be appropriate for
most applications. Table 4 shows the AGC mode control
bits.
Power Management
The CLC5902 can be placed in a low power (static) state
by stopping the input clock. To prevent this from placing
the CLC5902 into unexpected states, the SI pin of the
CLC5902 should be asserted prior to disabling the input
clock and held asserted until the input clock has returned
to a stable condition.
Figure 30
Output Gain Scaling vs. Input Signal
Input Power
ADC Output
ADC Full Scale
AGC Threshold
Deadband+Hysteresis
D
D
C
O
ut
pu
t
Diversity Receiver
Chipset Full Scale
Figure 31
AGC Setup.
DVGA Input Power
Deadband
Hysteresis=Deadband-6dB
Reference
6dB
Setpoint
AGC Mode
AgcHldIC
AgcRstEn
AgcForce
Free Run
0
0
1
Burst, hold previous value
0
0
0
Burst, use initial conditions
0
1
0
Manual
100
Table 4
AGC Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com