Electronic Components Datasheet Search
  English  ▼

X  

CLC5902 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 11Page - National Semiconductor (TI) CLC5902 Datasheet HTML 12Page - National Semiconductor (TI) CLC5902 Datasheet HTML 13Page - National Semiconductor (TI) CLC5902 Datasheet HTML 14Page - National Semiconductor (TI) CLC5902 Datasheet HTML 15Page - National Semiconductor (TI) CLC5902 Datasheet HTML 16Page - National Semiconductor (TI) CLC5902 Datasheet HTML 17Page - National Semiconductor (TI) CLC5902 Datasheet HTML 18Page - National Semiconductor (TI) CLC5902 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
©1999 National Semiconductor Corporation
15
Rev. 3.05 May 27, 1999
The CIC filter has a gain equal to N
4 (filter decimation^4)
which must be compensated for in the “SHIFT UP” circuit
shown in Figure 19 as well as Figure 15. This circuit has a
gain equal to 2(SCALE-44), where SCALE ranges from 0 to
40. This circuit divides the input signal by 244 providing
maximum headroom through the CIC filter. For optimal
noise performance the SCALE value is set to increase this
level until the CIC filter is just below the point of distor-
tion. A value is normally calculated and loaded for
SCALE such that
. The
actual gain of the CIC filter will only be unity for power-
of-two decimation values. In other cases the gain will be
somewhat less than unity.
Channel Gain
The gain of each channel can be boosted up to 42 dB by
shifting the output of the CIC filter up by 0 to 7 bits prior
to rounding it to 21 bits. For channel A, the gain of this
stage is:
, where GAIN_A ranges from 0
to 7. Overflow due to the GAIN circuit is saturated
(clipped) at plus or minus full scale. Each channel can be
given its own GAIN setting.
First Programmable FIR Filter (F1)
The CIC/GAIN outputs are followed by two stages of fil-
tering. The first stage is a 21 tap decimate-by-2 symmetric
FIR filter with programmable coefficients. Typically, this
filter compensates for a slight droop induced by the CIC
filter. In addition, it often provides stopband assistance to
F2 when deep stop bands are required. The filter coeffi-
cients are 16-bit 2’s complement numbers. Unity gain will
be achieved through the filter if the sum of the 21 coeffi-
cients is equal to 216. If the sum is not 216, then F1 will
introduce a gain equal to (sum of coefficients)/216. The 21
coe f fi ci ent s
a r e
ide n ti fi ed
as
c o ef fic i e n ts
where
is the center tap.
The coefficients are symmetric, so only the first 11 are
loaded into the chip.
Two example sets of coefficients are provided here. The
first set of coefficients, referred to as the standard set
(STD), compensates for the droop of the CIC filter provid-
ing a passband which is flat (0.01 dB ripple) over 95% of
the final output bandwidth with 70dB of out-of-band rejec-
tion (see Figure 20). The filter has a gain of 0.999 and is
symmetric with the following 11 unique taps (1|21, 2|20,
..., 10|12, 11):
29, -85, -308, -56, 1068, 1405, -2056, -6009,
1303, 21121, 32703
The second set of coefficients (GSM set) are intended for
applications that need deeper stop bands or need oversam-
pled outputs. These requirements are common in cellular
systems where out of band rejection requirements can
exceed 100dB (see Figure 21). They are useful for wide-
band radio architectures where the channelization is done
after the ADC. These filter coefficients introduce a gain of
0.984 and are:
-49, -340, -1008, -1617, -1269, 425, 3027, 6030,
9115, 11620, 12606
Second Programmable FIR Filter (F2)
The second stage decimate by two or four filter also uses
externally downloaded filter coefficients. The filter coeffi-
cients are 16-bit 2’s complement numbers. Unity gain will
be achieved through the filter if the sum of the 63 coeffi-
cients is equal to 216. If the sum is not 216, then the F2 will
introduce a gain equal to (sum of coefficients)/216.
The 63 coefficients are identified as
where
is the center tap. The coefficients are sym-
metric, so only the first 32 are loaded into the chip.
DATA
IN
DATA
OUT
SCALE
22
Figure 19
Four-stage decimate by N CIC filter
66
Data @ FCK
= FS (FSAMPLE)
Data @ FCK/N
N = DEC + 1
22-bit input to SHIFT_UP is aligned
at the bottom of the 66-bit path when SCALE=0.
GAIN
SHIFTUP
GAIN
CIC
⋅
1
≤
GAIN
2
GAIN_A
=
h
1 n
() n
,
0
… 20
,,
=
h
1 10
()
Figure 20
F1 STD frequency response
0
0.1
0.2
0.3
0.4
0.5
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency Response of F1 Using STD Set
Frequency Normalized To Filter Input Sample Rate
h
2 n
() n 0 … 62
,
,
=
,
h
2 31
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com