Electronic Components Datasheet Search
  English  ▼

X  

CLC5902 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 20Page - National Semiconductor (TI) CLC5902 Datasheet HTML 21Page - National Semiconductor (TI) CLC5902 Datasheet HTML 22Page - National Semiconductor (TI) CLC5902 Datasheet HTML 23Page - National Semiconductor (TI) CLC5902 Datasheet HTML 24Page - National Semiconductor (TI) CLC5902 Datasheet HTML 25Page - National Semiconductor (TI) CLC5902 Datasheet HTML 26Page - National Semiconductor (TI) CLC5902 Datasheet HTML 27Page - National Semiconductor (TI) CLC5902 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Rev. 3.05 May 27, 1999
24
©1999 National Semiconductor Corporation
A block diagram of the AGC is shown in Figure 32. The
DVGA interface comprises four pins for each of the chan-
nels. The first three pins of this interface are a 3-bit binary
word that controls the DVGA gain in 6dB steps (AGAIN).
The final pin is ASTROBE which allows the AGAIN bits
to be latched into the DVGA’s register. A key feature of
the ASTROBE, illustrated Figure 33, is that it toggles
only if the data on AGAIN has changed from the previous
cycle. Not shown is that ASTROBE and BSTROBE are
independent. For example, ASTROBE should only toggle
when AGAIN has changed. BSTROBE should not toggle
because AGAIN has changed. This is done to minimize
unnecessary digital noise on the sensitive analog path
through the DVGA. ASTROBE and BSTROBE are
asserted during MR and SI to properly initialize the
DVGAs.
The absolute value circuit and the 2-stage, decimate-by-8
CIC filter comprise the power detection part of the AGC.
The power detector bandwidth is set by the CIC filter to
FCK/8. The absolute value circuit doubles the effective
input frequency. This has the effect of reducing the power
detector bandwidth from FCK/8 to FCK/16.
For a full-scale sinusoidal input, the absolute value circuit
output is a dc value of
. Because the absolute
value circuit also generates undesired even harmonic
terms, the CIC filter (response shown in Figure 34), is
required to remove these harmonics. The first response
null occurs at FCK/8, where FCK is the clock frequency,
and the response magnitude is at least 25dB below the dc
value from FCK/10 to 9FCK/10. Because the 2
nd harmonic
from the absolute value circuit is about 10dB below the dc
this means that the ripple in the detected level is about
0.7dB or less for input frequencies between FCK/20 to
19FCK/20.
The “FIXED TO FLOAT CONVERTER” takes the fixed
point 9-bit output from the CIC filter and converts it to a
“floating point” number. This conversion is done so that
the 32 values in the RAM can be uniformly assigned (dB
AGC Theory of Operation
AGC_LOOP_GAIN
10
16
5
8
12
12
PERIOD
LOAD
EN
16
AGC_FORCE
AGC_HOLD_IC
-REF
LOG
FUNCTION PROGRAMMED
INTO RAM
AGC_EN
AGC_COUNT
AGC_IC_A
3
AIN[13:4]
9
POUT
AGC_RESET_EN
AGC_TABLE
AGAIN
Figure 32
CLC5902 AGC circuit, Channel A
EXP
ASTROBE
AGAIN[2:0]
CK
CK/8
1 SCK delay
ASTROBE does not pulse because AGAIN[2:0] does not change
Figure 33
Timing diagram for AGC/DVGA interface, Channel A. Refer to Figure 8 for detailed timing information.
511
2
π
⁄
()
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com