Electronic Components Datasheet Search
  English  ▼

X  

CLC5902 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 20Page - National Semiconductor (TI) CLC5902 Datasheet HTML 21Page - National Semiconductor (TI) CLC5902 Datasheet HTML 22Page - National Semiconductor (TI) CLC5902 Datasheet HTML 23Page - National Semiconductor (TI) CLC5902 Datasheet HTML 24Page - National Semiconductor (TI) CLC5902 Datasheet HTML 25Page - National Semiconductor (TI) CLC5902 Datasheet HTML 26Page - National Semiconductor (TI) CLC5902 Datasheet HTML 27Page - National Semiconductor (TI) CLC5902 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
©1999 National Semiconductor Corporation
27
Rev. 3.05 May 27, 1999
AGC may be configured to adapt the gain during the
power ramp sequence then hold it steady afterwards by
setting AGC_FORCE low, AGC_HOLD_IC low and pro-
gramming AGC_HOLD_COUNT for the period of the
power ramp. In addition, one can provide an initial condi-
tion and set AGC_RESET_EN high to have the gain start
at a prescribed value at the beginning of each burst. The
AGC becomes active when the AGC_EN pin goes low
and remains active for AGC_HOLD_COUNT samples
after AGC_EN goes high. The AGC_HOLD_COUNT
can be programmed to one value during the random access
burst and a smaller value during a normal burst. Finally,
one might program a more narrow AGC loop bandwidth
during normal transmission. Just prior to the next burst
transmission from a mobile, set the initial condition to the
value read back from the AGC accumulator at the end of
the previous burst from that specific mobile. Allowing the
AGC to free run should be appropriate for most applica-
tions. If the INH_EXP bit is not set, the DVGA gain word
(EXP) is routed to the “FLOAT TO FIXED CON-
VERTER” in the DDCs prior to the programmable deci-
mation filter. The EXP signals are delayed to account for
the propagation delay of the DVGA interface and the
CLC5956 ADC. The basic AGC modes are summarized in
Table 4.
Evaluation Hardware
Evaluation boards are available to facilitate designs based
on the CLC5902:
CLC-DRCS-PCASM
The Diversity Receiver Chipset evaluation board provid-
ing a complete narrowband receiver from IF to digital
symbols.
CLC-CAPT-PCASM
A simple method for capturing output data from CLC
ADCs and the CLC5902.
SOFTWARE
Control panel software for the CLC5902 supports com-
plete device configuration on both evaluation boards.
Capture software manages the capture of data and its stor-
age in a file on a PC.
Matlab script files support data analysis: FFT, DNL, and
INL plotting.
This software and additional application information is
available on the CLC Evaluation Kit CDROM.
AGAINa
a. AGAIN sets the DVGA or analog gain value.
EXPb
b. EXP sets the “FIXED TO FLOAT CONVERTER” or digital gain value.
Inputc
c. 22-bit input to SHIFT-UP block in Figure 15 horizontally, linearized SHIFT-UP value vertically.
21 20 19 18 17 16 15 14
...
876543210
000 = -12dB
111 = +0dB
-12dB
14
13
12
11
10
9
8
7
...
1
0
LLLLLLL
001 = -6dB
110 = -6dB
-12dB
14
14
13
12
11
10
9
8
...
2
1
0
LLLLLL
010 = +0dB
101 = -12dB
-12dB
14
14
14
13
12
11
10
9...
3210
LLLLL
011 = +6dB
100 = -18dB
-12dB
14
14
14
14
13
12
11
10
...
43210
LLLL
100 = +12dB
011 = -24dB
-12dB
14
14
14
14
14
13
12
11
...
543210L
L
L
101 = +18dB
010 = -30dB
-12dB
14
14
14
14
14
14
13
12
...
6543210L
L
110 = +24dB
001 = -36dB
-12dB
14
14
14
14
14
14
14
13
...
76543210L
111 = +30dB
000 = -42dB
-12dB
14
14
14
14
14
14
14
14
...
876543210
Table 7
15-bit Mixer Output Alignment into the 22-bit SHIFT-UP Based On EXP.
d
d. The numbers in the center of the table represent the mixer output bits. ‘L’ represents a logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com