Electronic Components Datasheet Search
  English  ▼

X  

CLC5902 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 12Page - National Semiconductor (TI) CLC5902 Datasheet HTML 13Page - National Semiconductor (TI) CLC5902 Datasheet HTML 14Page - National Semiconductor (TI) CLC5902 Datasheet HTML 15Page - National Semiconductor (TI) CLC5902 Datasheet HTML 16Page - National Semiconductor (TI) CLC5902 Datasheet HTML 17Page - National Semiconductor (TI) CLC5902 Datasheet HTML 18Page - National Semiconductor (TI) CLC5902 Datasheet HTML 19Page - National Semiconductor (TI) CLC5902 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Rev. 3.05 May 27, 1999
16
©1999 National Semiconductor Corporation
An example filter (STD F2 coefficients, see Figure 22)
with 80dB out-of-band rejection, gain of 1.00, and 0.03 dB
peak to peak passband ripple is created by this set of 32
unique coefficients:
-14, -20, 19, 73, 43, -70, -82, 84, 171, -49, -269, -
34, 374, 192, -449,
-430, 460,751, -357, -1144, 81, 1581, 443, -2026,
-1337, 2437, 2886,
-2770, -6127, 2987, 20544, 29647
A second set of F2 coefficients (GSM set, see Figure 23)
suitable for meeting the stringent wideband GSM require-
ments with a gain of 0.999 are:
-536, -986, 42, 962, 869, 225, 141, 93, -280, -708,
-774, -579, -384,
-79, 536, 1056, 1152, 1067, 789, 32, -935, -1668,
-2104, -2137, -1444,
71, 2130, 4450, 6884, 9053, 10413, 10832
The filter coefficients of both filters can be used to tailor
the spectral response to the user’s needs. For example, the
first can be loaded with the standard set to provide a flat
response through to the second filter. The latter can then
be programmed as a Nyquist (typically a root-raised-
cosine) filter for matched filtering of digital data.
The complete channel filter response for standard coeffi-
cients is shown in Figure 24. Passband flatness is shown in
Figure 25.
The complete filter response for GSM coefficients is
shown in Figure 26.
GSM Passband flatness is shown in Figure 27.
The mask shown in Figure 26 is derived from the ETSI
GSM 5.05 specifications for a normal Basestation Trans-
ceiver (BTS). For interferers, 9dB was added to the carrier
to interference (C/I) ratios. For blockers, 9dB was added to
the difference between the blocker level and 3dB above
the reference sensitivity level.
Figure 21
F1 GSM frequency response
0
0.1
0.2
0.3
0.4
0.5
−120
−100
−80
−60
−40
−20
0
Frequency Response of F1 Using GSM Set
Frequency Normalized To Filter Input Sample Rate
Figure 22
F2 STD frequency response
0
0.1
0.2
0.3
0.4
0.5
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency Response of F2 Using STD Set
Frequency Normalized To Filter Input Sample Rate
Figure 23
F2 GSM frequency response
0
0.1
0.2
0.3
0.4
0.5
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
5
Frequency Response of F2 Using GSM Set
Frequency Normalized To Filter Input Sample Rate
Figure 24
CIC, F1, & F2 STD frequency response
0
500
1000
1500
2000
2500
3000
−150
−100
−50
0
Combined Frequency Response of CIC/F1/F2 Using STD Set
Frequency (KHz)
FCK = 52MHz
Decimation = 192
OFS = 270.83kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com