Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5618AMFKB Datasheet HTML 12Page - Texas Instruments TLC5618AMFKB Datasheet HTML 13Page - Texas Instruments TLC5618AMFKB Datasheet HTML 14Page - Texas Instruments TLC5618AMFKB Datasheet HTML 15Page - Texas Instruments TLC5618AMFKB Datasheet HTML 16Page - Texas Instruments TLC5618AMFKB Datasheet HTML 17Page - Texas Instruments TLC5618AMFKB Datasheet HTML 18Page - Texas Instruments TLC5618AMFKB Datasheet HTML 19Page - Texas Instruments TLC5618AMFKB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
changing the latch B data from zero to full code
Assuming that latch B starts at zero code (e.g., after power-up), the latch can be filled with 1s by writing (bit D15
on the left, D0 on the right).
0X00 1111 1111 1111
to the serial interface. Bit D14 can be zero to select slow mode or one to select fast mode. The data (bits D0
to D11) are written to both the double buffer and latch B.
The latch A contents and the DAC A output are not changed by this write.
double-buffered change of both DAC outputs
Assuming that DACs A and B start at zero code (e.g., after power-up), if DAC A is to be driven to mid-scale and
DAC B to full-scale, and if the outputs are to begin rising at the same time, this can be achieved as follows:
First,
0d01 1111 1111 1111
is written (bit D15 on the left, D0 on the right) to the serial interface. This loads the full-scale code into the double
buffer but does not change the latch B contents and the DAC B output voltage. The latch A contents and the
DAC A output are also unaffected by this write operation.
Changing from fast to slow or slow to fast mode changes the supply current which can glitch the outputs, and
so D14 (designated by d in the above data word) should be set to maintain the speed mode set by the previous
write.
Next,
1X0X 1000 0000 0000
is written (bit D15 on the left, D0 on the right) to the serial interface. Bit D14 can be zero to select slow mode
or one to select fast mode. The other X can be zero or one (don’t care). This writes the mid-scale code
(100000000000) to latch A and also copies the full-scale code from the double buffer to latch B. Both DAC
outputs thus begin to rise after the second write.
DSP serial interface
Utilizing a simple 3-wire serial interface shown in Figure 22, the TLC5618A can be interfaced to TMS320
compatible serial ports. The 5618A has an internal state machine that will count 16 clocks after receiving a falling
edge of CS and then disable further clocking in of data until the next falling edge is received on CS. Therefore
CS can be connected directly to the FS pins of the serial port and only the leading falling edge of the DSP will
be used to start the write process. The TLC5618A is designed to be used with the TMS320Cxx DSP in burst
mode serial port transmit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com