Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 4 Page - Texas Instruments

  TLC5618AMFKB Datasheet HTML 1Page - Texas Instruments TLC5618AMFKB Datasheet HTML 2Page - Texas Instruments TLC5618AMFKB Datasheet HTML 3Page - Texas Instruments TLC5618AMFKB Datasheet HTML 4Page - Texas Instruments TLC5618AMFKB Datasheet HTML 5Page - Texas Instruments TLC5618AMFKB Datasheet HTML 6Page - Texas Instruments TLC5618AMFKB Datasheet HTML 7Page - Texas Instruments TLC5618AMFKB Datasheet HTML 8Page - Texas Instruments TLC5618AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage (VDD to AGND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range to AGND
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range to AGND
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage at OUT from external source
VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current at any terminal
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC5618C, TLC5618AC
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . .
TLC5618I, TLC5618AI
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . .
TLC5618AQ
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC5618AM
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C‡
A
POWER RATING
A
POWER RATING
A
POWER RATING
D
635 mW
5.08 mW/
°C
407 mW
330 mW
—
FK
1375 mW
11.00 mW/
°C
880 mW
715 mW
275 mW
JG
1050 mW
8.40 mW/
°C
672 mW
546 mW
210 mW
P
1202 mW
9.61 mW/
°C
769 mW
625 mW
—
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (R
ΘJA). Thermal resistances are not production tested and
are for informational purposes only.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
High-level digital input voltage, VIH
VDD = 5 V
0.7 VDD
V
Low-level digital input voltage, VIL
VDD = 5 V
0.3VDD
V
Reference voltage, Vref to REFIN terminal
2
2.048
VDD – 1.1
V
Load resistance, RL
2
k
Ω
TLC5618C, TLC5618AC
0
70
Operating free air temperature TA
TLC5618I, TLC5618AI
– 40
85
°C
Operating free-air temperature, TA
TLC5618AQ
– 40
125
°C
TLC5618AM
– 55
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com