Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5618AMFKB Datasheet HTML 9Page - Texas Instruments TLC5618AMFKB Datasheet HTML 10Page - Texas Instruments TLC5618AMFKB Datasheet HTML 11Page - Texas Instruments TLC5618AMFKB Datasheet HTML 12Page - Texas Instruments TLC5618AMFKB Datasheet HTML 13Page - Texas Instruments TLC5618AMFKB Datasheet HTML 14Page - Texas Instruments TLC5618AMFKB Datasheet HTML 15Page - Texas Instruments TLC5618AMFKB Datasheet HTML 16Page - Texas Instruments TLC5618AMFKB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Binary Code Table (0 V to 2 VREFIN Output), Gain = 2
INPUT
OUTPUT
1111
1111
1111
2 V
REFIN
4095
4096
:
:
1000
0000
0001
2 V
REFIN
2049
4096
1000
0000
0000
2 V
REFIN
2048
4096
+ V
REFIN
0111
1111
1111
2 V
REFIN
2047
4096
:
:
0000
0000
0001
2 V
REFIN
1
4096
0000
0000
0000
0 V
buffer amplifier
The output buffer has a rail-to-rail output with short circuit protection and can drive a 2-k
Ω load with a 100-pF
load capacitance. Settling time is a software selectable 12.5
µs or 2.5 µs, typical to within ± 0.5 LSB of final value.
external reference
The reference voltage input is buffered, which makes the DAC input resistance not code dependent. Therefore,
the REFIN input resistance is 10 M
Ω and the REFIN input capacitance is typically 5 pF, independent of input
code. The reference voltage determines the DAC full-scale output.
logic interface
The logic inputs function with CMOS logic levels. Most of the standard high-speed CMOS logic families may
be used.
serial clock and update rate
Figure 1 shows the TLC5618 timing. The maximum serial clock rate is:
f
(SCLK)max +
1
t
w CH min )
t
w CL min
+ 20 MHz
The digital update rate is limited by the chip-select period, which is:
tp(CS) + 16
t
w CH )
t
w CL
) t
su CS1
This equals an 810-ns or 1.23-MHz update rate. However, the DAC settling time to 12 bits limits the update rate
for full-scale input step transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com