Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5618AMFKB Datasheet HTML 8Page - Texas Instruments TLC5618AMFKB Datasheet HTML 9Page - Texas Instruments TLC5618AMFKB Datasheet HTML 10Page - Texas Instruments TLC5618AMFKB Datasheet HTML 11Page - Texas Instruments TLC5618AMFKB Datasheet HTML 12Page - Texas Instruments TLC5618AMFKB Datasheet HTML 13Page - Texas Instruments TLC5618AMFKB Datasheet HTML 14Page - Texas Instruments TLC5618AMFKB Datasheet HTML 15Page - Texas Instruments TLC5618AMFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–2
–1
–1.5
1
0.5
0
–0.5
–2.5
–3.0
Samples
500
2000
3000
4095
0
1000
1500
2500
3500
Figure 16. Integral Nonlinearity With Input Code
APPLICATION INFORMATION
general function
The TLC5618 uses a resistor string network buffered with an op amp to convert 12-bit digital data to analog
voltage levels (see functional block diagram and Figure 17). The output is the same polarity as the reference
input (see Table 1).
The output code is given by: 2 V
REFIN
CODE
4096
An internal circuit resets the DAC register to all 0s on power up.
_
+
Resistor
String
DAC
5 V
0.1
µF
AGND
VDD
OUT
REFIN
R
R
_
+
×2
DIN
CS
SCLK
Figure 17. TLC5618 Typical Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com