Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5618AMFKB Datasheet HTML 13Page - Texas Instruments TLC5618AMFKB Datasheet HTML 14Page - Texas Instruments TLC5618AMFKB Datasheet HTML 15Page - Texas Instruments TLC5618AMFKB Datasheet HTML 16Page - Texas Instruments TLC5618AMFKB Datasheet HTML 17Page - Texas Instruments TLC5618AMFKB Datasheet HTML 18Page - Texas Instruments TLC5618AMFKB Datasheet HTML 19Page - Texas Instruments TLC5618AMFKB Datasheet HTML 20Page - Texas Instruments TLC5618AMFKB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
SCLK
DIN
CS
TLC5618A
CLKX
DX
FSX
TMS320C203
DSP
VCC
OUT A
OUT B
GND
REFIN
2.5 V dc
FSR
To Source
Ground
Analog
Output
Analog
Output
CLKR
Figure 22. Interfacing The TLC5618A to the TMS320C203 DSP
general serial interface
Both the TLC5618 and TLC5618A are compatible with SPI, QSPI, or Microwire serial standards. The hardware
connections are shown in Figures 23 and 24. The TLC5618A has an internal state machine that will count 16
clocks after the falling edge of CS and then internally disable the device. The internal edge is ORed together
with CS so that the rising edge can be provided to CS prior to the occurrence of the internal edge to also disable
the device.
The SPI and Microwire interfaces transfer data in 8-bit bytes, therefore, two write cycles are required to input
data to the DAC. The QSPI interface, which has a variable input data length from 8 to 16 bits, can load the DAC
input register in one write cycle.
SCLK
DIN
CS
TLC5618,
TLC5618A
SK
SO
I/O
Microwire
Port
Figure 23. Microwire Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com