Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLC5618AMFKB Datasheet HTML 1Page - Texas Instruments TLC5618AMFKB Datasheet HTML 2Page - Texas Instruments TLC5618AMFKB Datasheet HTML 3Page - Texas Instruments TLC5618AMFKB Datasheet HTML 4Page - Texas Instruments TLC5618AMFKB Datasheet HTML 5Page - Texas Instruments TLC5618AMFKB Datasheet HTML 6Page - Texas Instruments TLC5618AMFKB Datasheet HTML 7Page - Texas Instruments TLC5618AMFKB Datasheet HTML 8Page - Texas Instruments TLC5618AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Programmable Settling Time to 0.5 LSB
2.5
µs or 12.5 µs Typ
D Two 12-Bit CMOS Voltage Output DACs in
an 8-Pin Package
D Simultaneous Updates for DAC A and
DAC B
D Single Supply Operation
D 3-Wire Serial Interface
D High-Impedance Reference Inputs
D Voltage Output Range ... 2 Times the
Reference Input Voltage
D Software Powerdown Mode
D Internal Power-On Reset
D TMS320 and SPI Compatible
D Low Power Consumption:
– 3 mW Typ in Slow Mode,
– 8 mW Typ in Fast Mode
D Input Data Update Rate of 1.21 MHz
D Monotonic Over Temperature
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control/Print Support
Qualification to Automotive Standards
applications
D Battery Powered Test Instruments
D Digital Offset and Gain Adjustment
D Battery Operated/Remote Industrial
Controls
D Machine and Motion Control Devices
D Cellular Telephones
description
The TLC5618 is a dual 12-bit voltage output
digital-to-analog converter (DAC) with buffered
reference inputs (high impedance). The DACs
have an output voltage range that is two times the
reference voltage, and the DACs are monotonic.
The device is simple to use, running from a single
supply of 5 V. A power-on reset function is
incorporated in the device to ensure repeatable
start-up conditions.
Digital control of the TLC5618 is over a 3-wire
CMOS-compatible serial bus. The device re-
ceives a 16-bit word for programming and
producing the analog output. The digital inputs
feature Schmitt triggers for high noise immunity.
Digital communication protocols include the
SPI
, QSPI, and Microwire standards.
Two versions of the device are available. The
TLC5618 does not have an internal state machine
and is dependent on all external timing signals. The TLC5618A has an internal state machine that counts the
number of clocks from the falling edge of CS and then updates and disables the device from accepting further
data inputs. The TLC5618A is recommended for TMS320 and SPI processors, and the TLC5618 is
recommended only for SPI or 3-wire serial port processors. The TLC5618A is backward-compatible and
designed to work in TLC5618 designed systems.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
DIN
SCLK
CS
OUT A
VDD
OUT B
REFIN
AGND
D, P, OR JG PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
OUTB
NC
REFIN
NC
NC
SCLK
NC
CS
NC
FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLC5618AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5618AMFKB TI1-TLC5618AMFKB Datasheet
636Kb / 24P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618AMFKB TI2-TLC5618AMFKB Datasheet
432Kb / 25P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
REVISED APRIL 2001
TLC5618AMFKB.A TI2-TLC5618AMFKB.A Datasheet
432Kb / 25P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
REVISED APRIL 2001
More results

Similar Description - TLC5618AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI-TLC5618 Datasheet
376Kb / 26P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com