Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 5 Page - Texas Instruments

  TLC5618AMFKB Datasheet HTML 1Page - Texas Instruments TLC5618AMFKB Datasheet HTML 2Page - Texas Instruments TLC5618AMFKB Datasheet HTML 3Page - Texas Instruments TLC5618AMFKB Datasheet HTML 4Page - Texas Instruments TLC5618AMFKB Datasheet HTML 5Page - Texas Instruments TLC5618AMFKB Datasheet HTML 6Page - Texas Instruments TLC5618AMFKB Datasheet HTML 7Page - Texas Instruments TLC5618AMFKB Datasheet HTML 8Page - Texas Instruments TLC5618AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref(REFIN) = 2.048 V (unless otherwise noted)
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
bits
Integral nonlinearity (INL), end point adjusted
Vref(REFIN) = 2.048 V,
See Note 1
±4
LSB
Differential nonlinearity (DNL)
Vref(REFIN) = 2.048 V,
See Note 2
±0.5
± 1
LSB
EZS
Zero-scale error (offset error at zero scale)
Vref(REFIN) = 2.048 V,
See Note 3
±12
mV
Zero-scale-error temperature coefficient
Vref(REFIN) = 2.048 V,
See Note 4
3
ppm/
°C
EG
Gain error
Vref(REFIN) = 2.048 V,
C and I suffixes
±0.29 % of FS
EG
Gain error
ref(REFIN)
,
See Note 5
Q and M suffixes
±0.60
voltage
Gain error temperature coefficient
Vref(REFIN) = 2.048 V,
See Note 6
1
ppm/
°C
Zero scale
Slow
65
PSRR
Power-supply rejection ratio
Gain
See Notes 7 and 8
Slow
65
dB
PSRR
Power-su
ly rejection ratio
Zero scale
See Notes 7 and 8
Fast
65
dB
Gain
Fast
65
NOTES:
1. The relative accuracy or integral nonlinearity (INL) sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale excluding the effects of zero code and full-scale errors.
2. The differential nonlinearity (DNL) sometimes referred to as differential error, is the difference between the measured and ideal
1 LSB amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains
constant) as a change in the digital input code.
3. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
4. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) – EZS (Tmin)]/Vref × 106/(Tmax – Tmin).
5. Gain error is the deviation from the ideal output (Vref – 1 LSB) with an output load of 10 kΩ excluding the effects of the zero-error.
6. Gain temperature coefficient is given by: EG TC = [EG(Tmax) – EG (Tmin)]/Vref × 106/(Tmax – Tmin).
7. Zero-scale-error rejection ratio (EZS-RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of
this signal imposed on the zero-code output voltage.
8. Gain-error rejection ratio (EG-RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of this signal
imposed on the full-scale output voltage after subtracting the zero scale change.
OUT A and OUT B output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Voltage output range
RL = 10 kΩ
0
VDD–0.4
V
Output load regulation accuracy
VO(OUT) = 4.096 V,
RL = 2 kΩ
±0.29
% of FS
voltage
IOSC(sink)
Output short circuit sink current
VO(A OUT) = VDD,
VO(B OUT) =VDD
Fast
38
mA
IOSC(sink)
Out ut short circuit sink current
VO(B OUT) = VDD,
Input code zero
Slow
23
mA
IOSC(source)
Output short circuit source current
VO(A OUT) = 0 V,
VO(B OUT) =0V
Fast
–54
mA
IOSC(source)
Out ut short circuit source current
VO(B OUT) = 0 V,
Full-scale code
Slow
–29
mA
IO(sink)
Output sink current
VO(OUT) = 0.25 V
5
mA
IO(source)
Output source current
VO(OUT) = 4.2 V
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com