Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC5618AMFKB Datasheet HTML 11Page - Texas Instruments TLC5618AMFKB Datasheet HTML 12Page - Texas Instruments TLC5618AMFKB Datasheet HTML 13Page - Texas Instruments TLC5618AMFKB Datasheet HTML 14Page - Texas Instruments TLC5618AMFKB Datasheet HTML 15Page - Texas Instruments TLC5618AMFKB Datasheet HTML 16Page - Texas Instruments TLC5618AMFKB Datasheet HTML 17Page - Texas Instruments TLC5618AMFKB Datasheet HTML 18Page - Texas Instruments TLC5618AMFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
latch B and double-buffer 1 write (D15 = low, D12 = low)
The SIR data are written to both latch B and the double buffer. Latch A is unaffected.
Serial
Interface
Register
D12 = Low
D15 = Low
Latch A
Latch B
Double
Buffer Latch
To DAC A
To DAC B
Figure 20. Latch B and Double-Buffer Write
double-buffer-only write (D15 = low, D12 = high)
The SIR data are written to the double buffer only. Latch A and B contents are unaffected.
Serial
Interface
Register
D12 = High
D15 = Low
Latch A
Latch B
Double
Buffer
To DAC A
To DAC B
Figure 21. Double-Buffer-Only Write
purpose and use of the double buffer
Normally only one DAC output can change after a write. The double buffer allows both DAC outputs to change
after a single write. This is achieved by the two following steps.
1.
A double-buffer-only write is executed to store the new DAC B data without changing the DAC A and B
outputs.
2.
Following the previous step, a write to latch A is executed. This writes the SIR data to latch A and also
writes the double-buffer contents to latch B. Thus both DACs receive their new data at the same time,
and so both DAC outputs begin to change at the same time.
Unless a double-buffer-only write is issued, the latch B and double-buffer contents are identical. Thus, following
a write to latch A or B with another write to latch A does not change the latch B contents.
operational examples
changing the latch A data from zero to full code
Assuming that latch A starts at zero code (e.g., after power up), the latch can be filled with 1s by writing (bit D15
on the left, D0 on the right)
1X0X 1111 1111 1111
to the serial interface. Bit D14 can be zero to select slow mode or one to select fast mode. The other X can be
zero or one (don’t care).
The latch B contents and the DAC B output are not changed by this write unless the double-buffer contents are
different from the latch B contents. This can only be true if the last write was a double-buffer-only write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com