Electronic Components Datasheet Search
  English  ▼

X  

LP5551 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5551
Description  LP5551 PowerWise??Technology Compliant Energy Management Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5551 Datasheet(HTML) 3 Page - Texas Instruments

  LP5551 Datasheet HTML 1Page - Texas Instruments LP5551 Datasheet HTML 2Page - Texas Instruments LP5551 Datasheet HTML 3Page - Texas Instruments LP5551 Datasheet HTML 4Page - Texas Instruments LP5551 Datasheet HTML 5Page - Texas Instruments LP5551 Datasheet HTML 6Page - Texas Instruments LP5551 Datasheet HTML 7Page - Texas Instruments LP5551 Datasheet HTML 8Page - Texas Instruments LP5551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
18 PGND1
10 LDO2
GPO1
GPO0
PWROK
RESETN
EN
SPWI
SCLK
11 LDO4
12 LD01
14 LDO3
13 NC
PGND1
SW_AVS
PVDD1
VDD_D
NC
PGND2 28
PVDD2
PGND2 29
FB2 30
VPWELL 33
VNWELL 35
LP5551
LLP-36
PGND2
17 PGND1
16 FB1
15 NC
GPO2
GPO3
NC 36
NC 34
SCAN 32
NC 31
VDD_A
19
20
21
22
23
24
25
26
27
9
8
7
6
5
4
3
2
1
2.2 PF
4.7 PF
4.7 PF
1.0 PF
22 PF
0.1 PF
0.1 PF
0.1 PF
22 PF
4.7 PH
4.7 PH
22 PF
Advanced
Power
Controller
0.7 - 2.2V
100 mA
1.5 - 3.3V
250 mA
1.5 - 3.3V
250 mA
0.6 - 1.35V
25 mA
AVS
Supply
0.6V - 1.2V
300 mA
DVS
Supply
0.6V - 1.2V
300 mA
-0.3 - +1.0V offset
(w.r.t. AVS)
10 uA
-1 - +0.3V offset
(w.r.t. GND)
10 uA
+
-
VIN
2.7V - 5.5 V
SW_DVS
DAP
Connect Die Attach Pad
(DAP) to GND
System
Controller
LP5551
www.ti.com
SNVS417B – DECEMBER 2006 – REVISED APRIL 2013
Typical Application
Figure 3. Typical Application Circuit
Pin Descriptions
Pin #
Name
I/O
Type
Description
0
DAP
G
G
Connect Die Attach Pad to ground
1
GP3
O
D
General purpose output pin
2
GP2
O
D
General purpose output pin
3
GP1
O
D
General purpose output pin
4
GP0
O
D
General purpose output pin
5
PWROK
O
D
Power OK, active high output signal
6
RESETN
I
D
Reset, active low
7
EN
I
D
Enable, active high
8
SPWI
I/O
D
PowerWise Interface (PWI) bi-directional data
9
SCLK
I
D
PowerWise Interface (PWI) clock input
10
LDO2
P
P
LDO2 output, for supplying the I/O voltage on the SoC
11
LDO4
P
P
LDO4 output, for supplying a fixed voltage to a PLL etc. on the SoC
12
LDO1
P
P
LDO1 output, user defined
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com