Electronic Components Datasheet Search
  English  ▼

X  

LP5551 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP5551
Description  LP5551 PowerWise??Technology Compliant Energy Management Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5551 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5551 Datasheet HTML 10Page - Texas Instruments LP5551 Datasheet HTML 11Page - Texas Instruments LP5551 Datasheet HTML 12Page - Texas Instruments LP5551 Datasheet HTML 13Page - Texas Instruments LP5551 Datasheet HTML 14Page - Texas Instruments LP5551 Datasheet HTML 15Page - Texas Instruments LP5551 Datasheet HTML 16Page - Texas Instruments LP5551 Datasheet HTML 17Page - Texas Instruments LP5551 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LP5551
SNVS417B – DECEMBER 2006 – REVISED APRIL 2013
www.ti.com
Logic and Control Inputs
Unless otherwise noted, VDD_A, _D, VPVDD1,2 , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type
apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PWICLOCK
Rated frequency
2.7 V
≤ VDD_A, _D, VPVDD1,2 ≤ 5.5 V
15
MHz
VIL
ENABLE, RESETN, SPWI, SCLK
Input Low Level
0.4
V
2.7 V
≤ VDD_A, _D, VPVDD1,2 ≤ 5.5 V
VIH
ENABLE, RESETN
Input High Level
2
V
2.7 V
≤ VDD_A, _D, VPVDD1,2 ≤ 5.5 V
VIH_PWI
Input High Level, PWI
SPWI, SCLK, 1.5 V
≤VO2 ≤ 3.3 V
VO2-0.4V
V
IIL
ENABLE, RESETN,
Logic Input Current
-5
5
µA
0 V
≤ VDD_A, _D, VPVDD1,2 ≤ 5.5 V
IIL_PWI
Logic Input Current, PWI
SPWI, SCLK, 1.5 V
≤ VO2 ≤ 3.3 V
-5
15
µA
RPD_PWI
Pull-down resistance for PWI
0.5
1
2
M
Ω
signals
TEN_LOW
Minimum low pulse width to enter
ENABLE pulsed high - low - high
10
µsec
STARTUP state
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
(4)
Specified by design.
Logic and Control Outputs
Unless otherwise noted, VDD_A, _D, VPVDD1,2 , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type
apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOL
Output low level
PWROK, GPOx, SPWI, ISINK ≤ 1 mA
0.4
V
VOH
Output high level
PWROK, GPOx, ISOURCE ≤ 1 mA
VBAT1-0.4V
V
VOH_PWI
Output high level, PWI
SPWI, ISOURCE ≤ 1 mA
VO2-0.4V
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
(4)
Specified by design.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com