Electronic Components Datasheet Search
  English  ▼

X  

LP5551 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5551
Description  LP5551 PowerWise??Technology Compliant Energy Management Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5551 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5551 Datasheet HTML 4Page - Texas Instruments LP5551 Datasheet HTML 5Page - Texas Instruments LP5551 Datasheet HTML 6Page - Texas Instruments LP5551 Datasheet HTML 7Page - Texas Instruments LP5551 Datasheet HTML 8Page - Texas Instruments LP5551 Datasheet HTML 9Page - Texas Instruments LP5551 Datasheet HTML 10Page - Texas Instruments LP5551 Datasheet HTML 11Page - Texas Instruments LP5551 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LP5551
SNVS417B – DECEMBER 2006 – REVISED APRIL 2013
www.ti.com
LDO2 (I/O Voltage) Characteristics
Unless otherwise noted, VDD_A, _D , VPVDD1,2 RESETN, ENABLE = 3.6 V. Typical values and limits appearing in normal type
apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT Accuracy
IOUT = 125 mA, VOUT = 3.3 V,
Output Voltage
-3.7%
3.3
2.8%
V
3.6 V
≤ VDD_A, _D ≤ 5.5 V
VOUT Range
Programmable Output Voltage
1.5-2.3 V = 100 mV step, 2.5 V, 2.8 V,
1.5
3.3
3.3
V
Range
3.0 V and 3.3 V
IOUT
Rated Output Current
3.6 V
≤ VDD_A, _D, VPVDD1,2 ≤ 5.5 V
0
250
mA
Output Current Limit
VOUT = 0V
615
Dropout Voltage(4)
IOUT = 125 mA
65
192
mV
IQ
Quiescent Current
IOUT = 0 mA
(5)
55
µA
ΔVOUT
3.6 V
≤ VDD_A, _D ≤ 5.5 V,
Line Regulation
-0.08
0.312
%/V
IOUT = 125 mA
VDD_A, _D, VPVDD1,2 = 3.6 V,
Load Regulation
-0.018
0.018
%/mA
1 mA
≤ IOUT ≤ 250 mA
3.6 V
≤ VDD_A, _D, VPVDD1,2 ≤ 3.9 V,
Line Transient Regulation
24
mV
TRISE,FALL = 10 us
VDD_A, _D, VPVDD1,2 = 3.6 V,
Load Transient Regulation
25 mA
≤ IOUT ≤ 225 mA,
246
mV
TRISE,FALL = 100 ns
eN
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,COUT = 4.7 µF
0.120
mVRMS
PSRR
f = 1 kHz, COUT = 4.7 µF
46
dB
Power Supply Ripple Rejection
Ratio
f = 10 kHz, COUT = 4.7 µF
34
COUT
Output Capacitance
2
4.7
20
µF
0 mA
≤ IOUT ≤ 250 mA
Output Capacitor ESR
5
500
m
Ω
tSTART-UP
Start-Up Time from Shut-down
COUT = 4.7 µF, IOUT = 250 mA
144
µs
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
(4)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 2.7V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V
(5)
Quiescent current for LDO1, LDO2, LDO3, and LDO4 do not include shared functional blocks such as the bandgap reference.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com