Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 3 Page - Texas Instruments

  TLV521 Datasheet HTML 1Page - Texas Instruments TLV521 Datasheet HTML 2Page - Texas Instruments TLV521 Datasheet HTML 3Page - Texas Instruments TLV521 Datasheet HTML 4Page - Texas Instruments TLV521 Datasheet HTML 5Page - Texas Instruments TLV521 Datasheet HTML 6Page - Texas Instruments TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
TLV521
www.ti.com
SNOSD26 – MAY 2016
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Any pin relative to V–
−0.3
6
V
IN+, IN–, OUT Pins
V– – 0.3 V
V+ + 0.3 V
V
V+, V–, OUT Pins
40
mA
Differential Input Voltage (VIN+ - VIN–)
–300
300
mV
Junction Temperature
–40
150
°C
Mounting Temperature
Infrared or Convection (30 sec.)
260
°C
Wave Soldering Lead Temp. (4 sec.)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
Machine Model
±200
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Recommended Operating Conditions indicate conditions
for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions,
see Electrical Characteristics.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Temperature Range
−40
125
°C
Supply Voltage (VS = V
+ - V−)
1.7
5.5
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TLV521
UNIT
DCK (SC70)
5 PINS
RθJA
Junction-to-ambient thermal resistance
269.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.7
°C/W
RθJB
Junction-to-board thermal resistance
48.8
°C/W
ψJT
Junction-to-top characterization parameter
2
°C/W
ψJB
Junction-to-board characterization parameter
47.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com