Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 4Page - Texas Instruments TLV521 Datasheet HTML 5Page - Texas Instruments TLV521 Datasheet HTML 6Page - Texas Instruments TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments TLV521 Datasheet HTML 10Page - Texas Instruments TLV521 Datasheet HTML 11Page - Texas Instruments TLV521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
VCM (V)
15
10
5
0
-5
-10
-15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
85°C
125°C
VS = 3.3V
FREQUENCY (Hz)
100
80
60
40
20
0
VS = 1.8 V, 3.3 V, 5 V
VS = 5 V
VS = 3.3 V
VS = 1.8 V
+PSRR
-PSRR
10
100
1k
10k
100k
VCM (V)
50
40
30
20
10
0
-10
-20
-30
-40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40°C
25°C
VS = 3.3V
VS (V)
5
4
3
2
1
2
3
4
5
6
RL = 100 kΩ
125°C
85°C
25°C
-40°C
VS (V)
40
30
20
10
0
1
2
3
4
5
6
VCM = VS/2
125°C
85°C
25°C
-40°C
VS (V)
5
4
3
2
1
0
1
2
3
4
5
6
RL = 100 kΩ
125°C
85°C
25°C
-40°C
8
TLV521
SNOSD26 – MAY 2016
www.ti.com
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 13. Sinking Current vs. Supply Voltage
Figure 14. Output Swing High vs. Supply Voltage
Figure 15. Output Swing Low vs. Supply Voltage
Figure 16. Input Bias Current vs. Common Mode Voltage
Figure 17. Input Bias Current vs. Common Mode Voltage
Figure 18. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com