Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 4 Page - Texas Instruments

  TLV521 Datasheet HTML 1Page - Texas Instruments TLV521 Datasheet HTML 2Page - Texas Instruments TLV521 Datasheet HTML 3Page - Texas Instruments TLV521 Datasheet HTML 4Page - Texas Instruments TLV521 Datasheet HTML 5Page - Texas Instruments TLV521 Datasheet HTML 6Page - Texas Instruments TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TLV521
SNOSD26 – MAY 2016
www.ti.com
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. Parametric performance, as indicated in the electrical tables, is not ensured
under conditions of self heating where TJ > TA.Absolute Maximum Ratings indicate junction temperature limits beyond which the device
may be permanently degraded, either mechanically or electrically.
6.5 Electrical Characteristics
Unless otherwise specified, all limits for TA = 25°C, V
+ = 3.3 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
VCM = 0.3 V
–3
0.1
3
mV
VCM = 3 V
–3
0.1
3
TCVOS
Input Offset Voltage Drift
±1.5
μV/°C
IBIAS
Input Bias Current
1
pA
IOS
Input Offset Current
50
fA
CMRR
Common Mode Rejection Ratio
0 V
≤ VCM ≤ 3.3 V
70
90
dB
0 V
≤ VCM ≤ 2.2 V
100
PSRR
Power Supply Rejection Ratio
V+ = 1.8 V to 3.3 V; VCM = 0.3 V
80
100
dB
CMVR
Common Mode Voltage Range
CMRR
≥ 70 dB
0
3.3
V
AVOL
Large Signal Voltage Gain
VO = 0.5 V to 2.8 V
RL = 100 kΩ to V
+/2
80
110
dB
VO
Output Swing High
RL = 100 kΩ to V
+/2
VIN(diff) = 100 mV
3
50
mV from
either rail
Output Swing Low
RL = 100 kΩ to V
+/2
VIN (diff) = −100 mV
2
50
IO
Output Current
Sourcing, VO to V
−
VIN(diff) = 100 mV
11
mA
Sinking, VO to V
+
VIN(diff) = −100 mV
12
IS
Supply Current
VCM = 0.3 V
350
500
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com