Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 11Page - Texas Instruments TLV521 Datasheet HTML 12Page - Texas Instruments TLV521 Datasheet HTML 13Page - Texas Instruments TLV521 Datasheet HTML 14Page - Texas Instruments TLV521 Datasheet HTML 15Page - Texas Instruments TLV521 Datasheet HTML 16Page - Texas Instruments TLV521 Datasheet HTML 17Page - Texas Instruments TLV521 Datasheet HTML 18Page - Texas Instruments TLV521 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
-
+
VOUT
V
-
V
+
100 M:
1 M:
RL
OXYGEN SENSOR
15
TLV521
www.ti.com
SNOSD26 – MAY 2016
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2 Portable Gas Detection Sensor
Figure 34. Precision Oxygen Sensor
8.2.2.1 Design Requirements
Gas sensors are used in many different industrial and medical applications. They generate a current which is
proportional to the percentage of a particular gas sensed in an air sample. This current goes through a load
resistor and the resulting voltage drop is measured. The TLV521 makes an excellent choice for this application
as it only draws 350 nA of current and operates on supply voltages down to 1.7 V. Depending on the sensed gas
and sensitivity of the sensor, the output current can be in the order of tens of microamperes to a few
milliamperes. Gas sensor data sheets often specify a recommended load resistor value or they suggest a range
of load resistors to choose from.
Oxygen sensors are used when air quality or oxygen delivered to a patient needs to be monitored. Fresh air
contains 20.9% oxygen. Air samples containing less than 18% oxygen are considered dangerous. This
application detects oxygen in air. Oxygen sensors are also used in industrial applications where the environment
must lack oxygen. An example is when food is vacuum packed. There are two main categories of oxygen
sensors, those which sense oxygen when it is abundantly present (i.e. in air or near an oxygen tank) and those
which detect traces of oxygen in ppm.
8.2.2.2 Detailed Design Procedure
Figure 34 shows a typical circuit used to amplify the output of an oxygen detector. The oxygen sensor outputs a
known current through the load resistor. This value changes with the amount of oxygen present in the air sample.
Oxygen sensors usually recommend a particular load resistor value or specify a range of acceptable values for
the load resistor. The use of the nanopower TLV521 means minimal power usage by the op amp and it
enhances the battery life. With the components shown in Figure 34 the circuit can consume less than 0.5 µA of
current ensuring that even batteries used in compact portable electronics, with low mAh charge ratings, could
last beyond the life of the oxygen sensor. The precision specifications of the TLV521, such as its very low offset
voltage, low TCVOS , low input bias current, high CMRR, and high PSRR are other factors which make the
TLV521 a great choice for this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com