Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 6Page - Texas Instruments TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments TLV521 Datasheet HTML 10Page - Texas Instruments TLV521 Datasheet HTML 11Page - Texas Instruments TLV521 Datasheet HTML 12Page - Texas Instruments TLV521 Datasheet HTML 13Page - Texas Instruments TLV521 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
FREQUENCY (MHz)
1.0e-1
1.0
1.0e1
1.0e2
1.0e3
1.0e4
0.1
1
10
100
1000
10000
170
150
130
110
90
70
50
30
10
VS = 5 V
VPEAK = -20 dBVp
2 ms/DIV
V
+
= +2.5V
V
-
= -2.5V
4
3
2
1
0
-1
-2
-3
-4
INPUT
OUTPUT
VS = 5V
RL = 100 k:
200 Ps/DIV
INPUT
OUTPUT
VS = 1.8V
RL = 100 k:
200 Ps/DIV
OUTPUT
INPUT
10
TLV521
SNOSD26 – MAY 2016
www.ti.com
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 25. Large Signal Pulse Response
Figure 26. Large Signal Pulse Response
Figure 27. Overload Recovery Waveform
Figure 28. EMIRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com