Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 5 Page - Texas Instruments

  TLV521 Datasheet HTML 1Page - Texas Instruments TLV521 Datasheet HTML 2Page - Texas Instruments TLV521 Datasheet HTML 3Page - Texas Instruments TLV521 Datasheet HTML 4Page - Texas Instruments TLV521 Datasheet HTML 5Page - Texas Instruments TLV521 Datasheet HTML 6Page - Texas Instruments TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TLV521
www.ti.com
SNOSD26 – MAY 2016
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. Parametric performance, as indicated in the electrical tables, is not ensured
under conditions of self heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the device
may be permanently degraded, either mechanically or electrically.
(2)
All limits are ensured by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
The EMI Rejection Ratio is defined as EMIRR = 20log (VRF_PEAK/
ΔVOS).
6.6
AC Electrical Characteristics
(1)
Unless otherwise specified, all limits for TA = 25°C, V
+ = 3.3 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
(2)
TYP
(3)
MAX
(2)
UNIT
GBW
Gain-Bandwidth Product
CL = 20 pF, RL = 100 kΩ
6
kHz
SR
Slew Rate
AV = +1,
VIN = 0 V to 3.3 V
Falling Edge
2.9
V/ms
Rising Edge
2.5
θ m
Phase Margin
CL = 20 pF, RL = 100 kΩ
73
deg
Gm
Gain Margin
CL = 20 pF, RL = 100 kΩ
19
dB
en
Input-Referred Voltage Noise Density
f = 100 Hz
300
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
22
μVPP
In
Input-Referred Current Noise
f = 100 Hz
100
fA/
√Hz
EMIRR
EMI Rejection Ratio, IN+ and IN
−(4)
VRF_PEAK = 100 mVP (−20 dBP),
f = 400 MHz
121
dB
VRF_PEAK = 100 mVP (−20 dBP),
f = 900 MHz
121
VRF_PEAK = 100 mVP (−20 dBP),
f = 1800 MHz
124
VRF_PEAK = 100 mVP (−20 dBP),
f = 2400 MHz
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com