Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 13Page - Texas Instruments TLV521 Datasheet HTML 14Page - Texas Instruments TLV521 Datasheet HTML 15Page - Texas Instruments TLV521 Datasheet HTML 16Page - Texas Instruments TLV521 Datasheet HTML 17Page - Texas Instruments TLV521 Datasheet HTML 18Page - Texas Instruments TLV521 Datasheet HTML 19Page - Texas Instruments TLV521 Datasheet HTML 20Page - Texas Instruments TLV521 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.25
0.5
0.75
1
1.25
1.5
ICHARGE (mA)
C001
17
TLV521
www.ti.com
SNOSD26 – MAY 2016
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Applications (continued)
Selecting values per Figure 36 will limit the current traveling through the R1 – Q1 – R3 leg of the circuit to under 1
µA which is on the same order as the TLV521 supply current. Increasing resistors R1 , R2 , and R3 will decrease
the measuring circuit supply current and extend battery life.
Decreasing RSENSE will minimize error due to resistor tolerance, however, this will also decrease VSENSE =
ICHARGE × RSENSE, and in turn the amplifier offset voltage will have a more significant contribution to the total error
of the circuit. With the components shown in Figure 36 the measurement circuit supply current can be kept below
1.5 µA and measure 100 µA to 1 mA.
8.2.3.3 Application Curve
Figure 37. Calculated High-Side Current Sense Circuit Output
9 Power Supply Recommendations
The TLV521 is specified for operation from 1.7 V to 5.5 V (±0.85 V to ±2.275 V) over a –40°C to 125°C
temperature range. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics.
CAUTION
Supply voltages larger than 6 V can permanently damage the device.
Low bandwidth nanopower devices do not have good high frequency (>1kHz) AC PSRR rejection against high-
frequency switching supplies and other kHz and above noise sources, so extra supply filtering is recommended if
kHz range noise is expected on the power supply lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com