Electronic Components Datasheet Search
  English  ▼

X  

TLV521 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments TLV521 Datasheet HTML 10Page - Texas Instruments TLV521 Datasheet HTML 11Page - Texas Instruments TLV521 Datasheet HTML 12Page - Texas Instruments TLV521 Datasheet HTML 13Page - Texas Instruments TLV521 Datasheet HTML 14Page - Texas Instruments TLV521 Datasheet HTML 15Page - Texas Instruments TLV521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
+
-
VIN
RISO
VOUT
CL
12
TLV521
SNOSD26 – MAY 2016
www.ti.com
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV521 is specified for operation from 1.7 V to 5.5 V (±0.85 V to ±2.275 V). The TLV521 features rail to rail
input and rail-to-rail output swings while consuming only nanowatts of power. Parameters that can exhibit
significant variance with regard to operating voltage or temperature are presented in the Typical Characteristics
section.
8.1.1 Driving Capacitive Load
The TLV521 is internally compensated for stable unity gain operation, with a 6-kHz, typical gain bandwidth.
However, the unity gain follower is the most sensitive configuration to capacitive load. The combination of a
capacitive load placed at the output of an amplifier along with the amplifier’s output impedance creates a phase
lag, which reduces the phase margin of the amplifier. If the phase margin is significantly reduced, the response
will be under damped which causes peaking in the transfer and, when there is too much peaking, the op amp
might start oscillating.
Figure 30. Resistive Isolation of Capacitive Load
In order to drive heavy capacitive loads, an isolation resistor, RISO, should be used, as shown in Figure 30. By
using this isolation resistor, the capacitive load is isolated from the amplifier’s output. The larger the value of
RISO, the more stable the amplifier will be. If the value of RISO is sufficiently large, the feedback loop will be
stable, independent of the value of CL. However, larger values of RISO result in reduced output swing and
reduced output current drive.
Recommended minimum values for RISO are given in the following table, for 5-V supply. Figure 31 shows the
typical response obtained with the CL = 50 pF and RISO = 154 kΩ. The other values of RISO in the table were
chosen to achieve similar dampening at their respective capacitive loads. Notice that for the TLV521 with larger
CL a smaller RISO can be used for stability. However, for a given CL a larger RISO will provide a more damped
response. For capacitive loads of 20 pF and below no isolation resistor is needed.
Table 1. Capacitive Loads vs. Needed Isolation Resistors
CL
RISO
0 – 20 pF
not needed
50 pF
154 k
Ω
100 pF
118 k
Ω
500 pF
52.3 k
Ω
1 nF
33.2 k
Ω
5 nF
17.4 k
Ω
10 nF
13.3 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com