Electronic Components Datasheet Search
  English  ▼

X  

UCD3028RMHT Datasheet(PDF) 2 Page - Texas Instruments

Part # UCD3028RMHT
Description  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT Datasheet(HTML) 2 Page - Texas Instruments

  UCD3028RMHT Datasheet HTML 1Page - Texas Instruments UCD3028RMHT Datasheet HTML 2Page - Texas Instruments UCD3028RMHT Datasheet HTML 3Page - Texas Instruments UCD3028RMHT Datasheet HTML 4Page - Texas Instruments UCD3028RMHT Datasheet HTML 5Page - Texas Instruments UCD3028RMHT Datasheet HTML 6Page - Texas Instruments UCD3028RMHT Datasheet HTML 7Page - Texas Instruments UCD3028RMHT Datasheet HTML 8Page - Texas Instruments UCD3028RMHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
UCD3040
UCD3028
UCD3020
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION
The UCD30xx devices are members of a family of digital PWM controllers from Texas Instruments providing a
single-chip control solution for digital power-conversion applications. These devices allow digital control
implementation of a high-performance, high-frequency power supply with flexible configuration of parameters,
supervisory, monitoring, and communication functions.
The UCD30xx are fully programmable solutions that are configurable to support a wide range of isolated and
non-isolated topologies in single- or multiphase configurations. Some examples include interleaved PFC, isolated
forward, half-bridge, phase-shifted full bridge, active clamp, and resonant LLC.
At the core of the UCD30xx controllers are the digital control-loop peripherals, also known as Fusion Digital
Power™ peripherals (FDPP). Each FDPP implements a high-speed digital control loop consisting of a dedicated
error analog-to-digital converter (EADC), a three-pole/three-zero (3p, 3z) digital compensator, and two DPWM
outputs with 250-ps pulse-width resolution. The device also contains a 12-bit, 200-ksps general-purpose ADC
with up to 15 channels, timers, interrupt controls, and communications ports such as PMBus, SCI, and SPI. The
device is based on a 32-bit ARM7 RISC CPU that performs real-time monitoring, configures peripherals, and
manages communications. The CPU executes its program out of programmable flash memory as well as ROM.
The UCD30xx is supported by Texas Instruments' Code Composer Studio™ software development environment.
ORDERING INFORMATION
OPERATING
ORDERABLE PART
TOP-SIDE
TEMPERATURE
PIN COUNT
SUPPLY
PACKAGE
NUMBER
MARKING
RANGE, TA
UCD3028RHAR
40
Reel of 2500
QFN
UCD3028
UCD3028RHAT
40
Reel of 250
QFN
UCD3028
UCD3028RMHR
40
Reel of 2500
QFN
3028RMH
UCD3028RMHT
40
Reel of 250
QFN
3028RMH
UCD3020RGZR
48
Reel of 2500
QFN
UCD3020
–40°C to 125°C
UCD3020RGZT
48
Reel of 250
QFN
UCD3020
UCD3040RGCR
64
Reel of 2000
QFN
UCD3040
UCD3040RGCT
64
Reel of 250
QFN
UCD3040
UCD3040PFCR
80
Reel of 1000
QFP
UCD3040
UCD3040PFC
80
Tray of 119
QFP
UCD3040
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com